Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3302 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3302
Description  QUASI-RESONANT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3302 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3302 Datasheet HTML 1Page - Diodes Incorporated AP3302 Datasheet HTML 2Page - Diodes Incorporated AP3302 Datasheet HTML 3Page - Diodes Incorporated AP3302 Datasheet HTML 4Page - Diodes Incorporated AP3302 Datasheet HTML 5Page - Diodes Incorporated AP3302 Datasheet HTML 6Page - Diodes Incorporated AP3302 Datasheet HTML 7Page - Diodes Incorporated AP3302 Datasheet HTML 8Page - Diodes Incorporated AP3302 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP3302
Document number:DS38882 Rev. 4 - 2
3 of 17
www.diodes.com
March 2017
© Diodes Incorporated
AP3302
Functional Block Diagram
FB
SENSE
6.4R
4R
DEM
GATE
GND
VCC
VDD
3
2
4
1
5
6
Line Voltage
Detector
Valley
Switching
SOVP
4V
IL_OPP
BNO
Valley
OSC
tB1
tB2
Burst
0.6V/0.7V
1.3V
65ms
OLP
Soft
Start
LEB
Jitter
D
CLK
Q
OPP
QR Law
tB1
tB2
Valley
QR_ON
ON
Logic
IL_OPP
ON
Power &
Fault
Management
VCC
16V/7.6V
Bias
VDD
28V
VCC_OVP
1.8V
FOCP
tB1
tB2
VDD
SUVP
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com