Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3302 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3302
Description  QUASI-RESONANT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3302 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3302 Datasheet HTML 1Page - Diodes Incorporated AP3302 Datasheet HTML 2Page - Diodes Incorporated AP3302 Datasheet HTML 3Page - Diodes Incorporated AP3302 Datasheet HTML 4Page - Diodes Incorporated AP3302 Datasheet HTML 5Page - Diodes Incorporated AP3302 Datasheet HTML 6Page - Diodes Incorporated AP3302 Datasheet HTML 7Page - Diodes Incorporated AP3302 Datasheet HTML 8Page - Diodes Incorporated AP3302 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP3302
Document number:DS38882 Rev. 4 - 2
2 of 17
www.diodes.com
March 2017
© Diodes Incorporated
AP3302
Typical Applications Circuit
AC
R 1
R 9
R 7
C 7
C32
C 6
T 1
U5
D 5
R
22
F1
R31
C3
C29
CY1
GND
GATE
FB
SENSE
VCC
AP3302
U1
Q 1
NTC 1
R 2
D7
R 6
R12
DEM
D 4
D 3
Vout
D-
D+
GND
USB Connector
R 24
C2
L1
R
21
C21
6
4
2
1
R 26
R4
R5
3
DRAIN
VCC
GND
CCM
AREF
VDET
6
5&Pad
4
2
3
7,8
R33
R32
R34
C30
R37
R3
D 6
R23
U3
C1
D 1
D 2
C 5
APR34509
R13
C31
U 2
ICTRL
VSENSE
VCTRL
VCC
VOUT
GND
C25
R28
R25
C23
AP433X
C 22
4
5
1
3
6
C 26
D-
D+
2
7
8
C 27
C24
R29
R10
R38
R27
B1
5
R 8
TVS2
TVS3
TVS4
1
DRISR
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Signal ground. Current return for driver and control circuits
2
FB
Feedback. Directly connected to the opto-coupler
3
DEM
Valley detection for QR control, AC line voltage detection for Brown-in/Brown-out, Sample output
voltage for SOVP and SUVP, Set OCP line compensation current.
4
SENSE
Current Sense
5
VCC
Supply voltage of driver and control circuits
6
GATE
Gate driver output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com