Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8620
Description  15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8620 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8620 Datasheet HTML 1Page - Diodes Incorporated PAM8620 Datasheet HTML 2Page - Diodes Incorporated PAM8620 Datasheet HTML 3Page - Diodes Incorporated PAM8620 Datasheet HTML 4Page - Diodes Incorporated PAM8620 Datasheet HTML 5Page - Diodes Incorporated PAM8620 Datasheet HTML 6Page - Diodes Incorporated PAM8620 Datasheet HTML 7Page - Diodes Incorporated PAM8620 Datasheet HTML 8Page - Diodes Incorporated PAM8620 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PAM8620
Document number: DSxxxxx Rev. 1 - 0
4 of 13
www.diodes.com
June 2013
© Diodes Incorporated
PAM8620
A Product Line of
Diodes Incorporated
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage VCC
8 to 26
V
Input Pin Voltage
0 to 5.5
V
High Level Input Voltage: SD
2.0 to VCC
V
MUTE
2.0 to 5.5
V
Low Level Input Voltage: SD
0 to 0.3
V
MUTE
0 to 0.3
V
Ambient Operating Temperature
-20 to +85
°C
Thermal Information
Parameter
Package
Symbol
Maximum
Unit
Thermal Resisitance
(Junction to Case)
QFN5x5-32L
ΘJC
5.0
°C/W
Thermal Resistance
(Junction to Ambient)
QFN5x5-32L
ΘJA
16.1
The exposed PAD must be soldered to a thermal land on the PCB.
Electrical Characteristics (@TA = +25°C, VCC = 24V, RL =8Ω, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PO
Continuous Output Power
THD+N = 0.12%, f = 1kHz, RL = 8Ω
6
W
THD+N = 1%, f = 1kHz, RL = 8Ω
8.5
THD+N = 10%, f = 1kHz, RL = 8Ω
10
IDD
Quiescent Current
(No Load)
16.5
25
mA
ISD
Supply Quiescent Current in Shutdown
Mode
Shutdown = 0V
4
10
µA
RDS(ON)
Drain-Source On-State Resisitance
IO = 0.5A
TJ = +25°C
High Side
210
m
Ω
Low Side
210
Total
420
PSRR
Power Supply Ripple Rejection Ratio
1VPP Ripple, f = 1kHz,
Inputs AC-Coupled to Ground
-65
dB
fOSC
Oscillator frequency
300
kHz
Vn
Output Integrated Noise Floor
20Hz to 22kHz, A-Weighting
-100
dB
CS
Crosstalk
PO = 3W, RL = 8Ω, f = 1kHz
-95
dB
SNR
Signal to Noise Ratio
Maximum Output at THD+N < 0.5%,
f = 1kHz
90
dB
Gain
32
dB
|VOS|
Output Offset Voltage
(measured differentially)
INN and INP Connected Together
30
mV
V2P5
2.5V Bias Voltage
No Load
2.5
V
AVDD
Internal Analog Supply Voltage
VCC = 8V to 26V
5
5.5
V
OTS
Over Temperature Shutdown
160
°C
OTH
Thermal Hysteresis
50
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com