Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM8620
Description  15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8620 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM8620 Datasheet HTML 5Page - Diodes Incorporated PAM8620 Datasheet HTML 6Page - Diodes Incorporated PAM8620 Datasheet HTML 7Page - Diodes Incorporated PAM8620 Datasheet HTML 8Page - Diodes Incorporated PAM8620 Datasheet HTML 9Page - Diodes Incorporated PAM8620 Datasheet HTML 10Page - Diodes Incorporated PAM8620 Datasheet HTML 11Page - Diodes Incorporated PAM8620 Datasheet HTML 12Page - Diodes Incorporated PAM8620 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PAM8620
Document number: DSxxxxx Rev. 1 - 0
10 of 13
www.diodes.com
June 2013
© Diodes Incorporated
PAM8620
A Product Line of
Diodes Incorporated
Application Information (cont.)
Power Limit (cont.)
The output power vs PL pin resistor value as below.
VCC = 24V, RLOAD = 8•
VCC = 12V, RLOAD = 8•
R(• )
PL(V)
PL(W)
R(• )
PL(V)
PL(W)
56K
0.62
3.2
110K
1.08
9.6
62K
0.68
3.8
120K
1.15
11.0
68K
0.73
4.4
130K
1.23
12.4
75K
0.79
5.2
150K
1.36
15.5
82K
0.86
6.1
160K
1.43
17.0
91K
0.93
7.1
180K
1.55
19.9
100K
1.00
8.2
200K
1.66
22.9
R(• )
PL(V)
PL(W)
R(• )
PL(V)
PL(W)
56
0.61
3.1
100K
0.99
8.1
62
0.67
3.7
110K
1.07
9.0
68
0.73
4.3
120K
1.115
9.6
75
0.79
5.1
130K
1.22
10.0
82
0.85
6.0
140K
1.36
10.7
91
0.92
7.0
—
—
—
Power Up/Down Sequence
The PAM8620 employs a shutdown operation mode to reduce supply current to the absolute minimum level during periods of non-use to save
power. The SD input terminal should be held high during normal operation when the amplifier is in use. Pulling SD low causes the outputs to
mute and the amplifier to enter a low-current state. SD should never be left unconnected to prevent the amplifier from unpredictable operation.
Suggest PL starting voltage is greater than 5V.
Start-up /power down sequencer recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com