Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8620 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8620
Description  15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8620 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8620 Datasheet HTML 1Page - Diodes Incorporated PAM8620 Datasheet HTML 2Page - Diodes Incorporated PAM8620 Datasheet HTML 3Page - Diodes Incorporated PAM8620 Datasheet HTML 4Page - Diodes Incorporated PAM8620 Datasheet HTML 5Page - Diodes Incorporated PAM8620 Datasheet HTML 6Page - Diodes Incorporated PAM8620 Datasheet HTML 7Page - Diodes Incorporated PAM8620 Datasheet HTML 8Page - Diodes Incorporated PAM8620 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PAM8620
Document number: DSxxxxx Rev. 1 - 0
3 of 13
www.diodes.com
June 2013
© Diodes Incorporated
PAM8620
A Product Line of
Diodes Incorporated
Functional Block Diagram
Note:
Maximum Gain: RI = 12.5k, RF = 100k
Power Limit Function: RI and RF are adjustable.
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect device reliability. All
voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage VCC
-0.3 to +28.0
V
Input Voltage Range VI:
MUTE, PL
0 to 6.0
V
SD
-0.3 to VCC
V
RINN, RINP, LINN, LINP
-0.3 to +6.0
V
Junction Temperature Range, TJ
-40 to +125
°C
Storage Temperature
-65 to +150
°C
Lead Temperature 1,
6mm (1/16inch)
260 (5sec)
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com