Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4624 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4624
Description  CrystalClearTM SoundFusionTM PCI Audio Accelerator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4624 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4624 Datasheet HTML 1Page - Cirrus Logic CS4624 Datasheet HTML 2Page - Cirrus Logic CS4624 Datasheet HTML 3Page - Cirrus Logic CS4624 Datasheet HTML 4Page - Cirrus Logic CS4624 Datasheet HTML 5Page - Cirrus Logic CS4624 Datasheet HTML 6Page - Cirrus Logic CS4624 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI293PP1 JUL ‘98
1
CS4622/24
Features
CrystalClear™ SoundFusion™ PCI Audio Accelerator
Features
q 300/255 MIPs SLIMD™ DSP Architecture
q DirectX™ 5.0 3D Positional Audio
q Fat Labs Approved 64-Voice Wavetable Synthesis with Effects
q NetMeeting™ AEC Hardware Acceleration
q Dolby® Digital AC-3® (CS4622)
q High Quality Hardware Sample Rate Conversion (90+ dB
Dynamic Range)
q PC/PCI Legacy Support
q DDMA Legacy Support
q CrystalClear Legacy Support (CCLS™)
q PCI 2.1 Compliant PCI Interface
q 96 Stream DMA Interface with Hardware Scatter/Gather
Support
q PCI Power Management (D0 through D3 Hot), APM 1.2, and
ACPI 1.0 Support
q AC ‘97 2.0 Link Codec Interface
q Secondary AC ‘97 1.0/2.0 Link Codec Interface for Multi-
Channel and Digital Docking Support
q Asynchronous Digital Serial Interface (ZV Port)
q S/PDIF Digital Input and Output Interfaces supporting both
PCM and Dolby Digital 5.1 Formats
q MPU-401 MIDI Input/Output Interface
q 3.3 V Power Supply (5 V tolerant I/O)
Description
The CS4622/24 is a high performance pin-compatible upgrade to the 128-pin
CS4610C PCI audio accelerator. With the added legacy compatibility modes,
4622-4pi.fm Page 1 Tuesday, July 7, 1998 1:21 PM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com