Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4624 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4624
Description  CrystalClearTM SoundFusionTM PCI Audio Accelerator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4624 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4624 Datasheet HTML 1Page - Cirrus Logic CS4624 Datasheet HTML 2Page - Cirrus Logic CS4624 Datasheet HTML 3Page - Cirrus Logic CS4624 Datasheet HTML 4Page - Cirrus Logic CS4624 Datasheet HTML 5Page - Cirrus Logic CS4624 Datasheet HTML 6Page - Cirrus Logic CS4624 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI293PP1 JUL ‘98
3
CS4622/24
Overview
Overview
The CS4622/24 is a high performance audio accelerator DSP for the PCI bus.
This device, combined with application and driver software, provides a com-
plete system solution for cost effective acceleration of Windows DirectSound,
Direct-Sound3D, DirectInput, MIDI playback via Wavetable Synthesis with
reverberation and chorus effects processing, and more. The CS4622/24 is com-
patible with the CS4610C with the following added features:
- Primary AC ‘97 Interface now 2.0 compatible
- 2nd AC ‘97 Interface (also 2.0 compliant)
- CrystalClear Legacy Support
- PC/PCI Legacy Support
- DDMA Legacy Support
- PCI Power Management Event Support
- ZV Port Asynchronous Serial Port
- 2nd Asynchronous Serial Port
- 9 Extended GPIO pins for Modem Support
- Consumer Digital (S/PDIF) Input and Output
The CS4622 is a high-performance, full-featured version of the SoundFusion
audio accelerator. The CS4624 is a reduced-cost version of the CS4622. The
CS4624 has a lower maximum clock speed and does not support AC-3. Please
refer to the OEM Software Reference Manual for more details.
FAQs
1)
What is the difference between the two devices?
A:
The CS4622 offers the capability to decode Dolby Digital (AC3), and the
CS4624 does not.
2)
How is the Dolby License obtained?
A:
Cirrus Logic can only ship devices and software implementing Dolby
4622-4pi.fm Page 3 Tuesday, July 7, 1998 1:21 PM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com