Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4624 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4624
Description  CrystalClearTM SoundFusionTM PCI Audio Accelerator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4624 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4624 Datasheet HTML 1Page - Cirrus Logic CS4624 Datasheet HTML 2Page - Cirrus Logic CS4624 Datasheet HTML 3Page - Cirrus Logic CS4624 Datasheet HTML 4Page - Cirrus Logic CS4624 Datasheet HTML 5Page - Cirrus Logic CS4624 Datasheet HTML 6Page - Cirrus Logic CS4624 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
PI293PP1 JUL ‘98
CS4622/24
Description
the CS4622/24 enables real mode DOS compatible PCI-only audio sub-
systems. This device, combined with application and driver software, provides
a complete system solution for hardware acceleration of Windows 95® Direct-
Sound®, DirectSound3D®, DirectInput, and Wavetable Synthesis. WDM
drivers provide support for both Windows 98 and Windows NT 5.0.
The CS4622/24 is based on the Cirrus Logic CrystalClear Stream Processor
(SP) DSP core. The SP core is optimized for digital audio processing, and is
powerful enough to handle complex signal processing tasks such as Dolby
Digital AC-3 decoding (CS4622 only) with ease. The SP core is supported by a
bus mastering PCI interface and a built-in dedicated DMA engine with hard-
ware scatter-gather support. These support functions ensure extremely efficient
transfer of audio data streams to and from host-based memory buffers, provid-
ing a system solution with maximum performance and minimal host CPU
loading.
The all-digital CS4622/24 supports a variety of audio I/O configurations
including direct connection to the CrystalClear CS4297 AC ‘97 Codec. A sec-
ondary AC ‘97 2.0 interface provides support for multi-channel and digital
docking solutions. Added extended I/O supports DAA control for modem
applications.
Consumer Digital input and output (S/PDIF) interfaces support both PCM and
compressed 5.1 digital data formats.
PC/PCI, DDMA, and CrystalClear Legacy support provide PCI-only legacy
games compatibility.
96-Stream
DMA Controller
with Hardware
Scatter/Gather
MPU-401
MIDI Interface
PCI
Interface
Joystick
Interface
PC/PCI &
CCLS Legacy
AC ’97 2.0
Interface
AC ’97 2.0
Interface
S/PDIF In
S/PDIF Out
ZV Port
Async. Modem
Interface
Program
ROM
Parameter
RAM
SLIMD
SP Core
Sample
RAM
Program
RAM
Coefficient
ROM
PCI Bus
4622-4pi.fm Page 2 Tuesday, July 7, 1998 1:21 PM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com