Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL23EBL-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UL23EBL-SH2-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL23EBL-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UL23EBL-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UL23EB
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R125-071.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
OUT Pin Voltage
VOUT1/VOUT2
-0.5 ~ 500
V
OUT Pin Current
IOUT
5 ~ 60
mA
VIN Pin Voltage
VIN
-0.5 ~ 500
V
REXT Pin Voltage
VREXT1/VREXT2
-0.5 ~ 8
V
VDD Pin Voltage
VVDD
-0.5 ~ 8
V
VCC Pin Voltage
VVCC
-0.5 ~ 8
V
Working temperature
TOPR
-40 ~ +150
°C
Storage temperature
TSTQ
-50 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power of IC Pin Voltage
VDD/VCC
6.8
V
OUT Pin Voltage
VOUT1/VOUT2 IOUT=30mA
2.5
V
OUT Pin Withstanding Voltage
VDS-BV
IOUT=0
500
V
Output Current
IOUT1/IOUT2
5
60
mA
Quiescent Current
IQ
VOUT=10V REXT No Collection
0.16
0.25
mA
REXT Pin Voltage
VREXT1/VREXT2 VIN=20V,VOUT1=VOUT2=10V
0.6/0.3
V
Output Current Accuracy
DIOUT
IOUT=5~60mA
± 4
%
Temperature Compensate Point
TSC
130
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com