Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL23EBL-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL23EBL-SH2-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL23EBL-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL23EBL-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL23EB
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R125-071.c
HIGH ACCURACY LINEAR
CONSTANT CURRENT LED
DRIVER
DESCRIPTION
The UL23EB is a linear constant current IC that supports the
adjust brightness or color temperature in 3 grades. The application
scheme is simple and the cost is low.
In the dimming application of UL23EB, User can change the size
of the output current by turn on/off the power switch, that adjust
brightness of LED lights. Changing the REXT external resistance
Adjustment of brightness ratio.
In the adjust color temperature application of UL23EB, User can
change the state of the two output ports by turn on/off the power
switch, that adjust the color temperature through the light of two
different colored LED lights. Changing the REXT external resistance
can adjustment the output power.
FEATURES
* No stroboscopic
* Input voltage 220VAC,110VAC
* Adjustable output current, max 60mA
* Inter-chip current deviation < ±4%
* Application system no EMI problems
* Over temperature Reduced Current
* Supports the adjust brightness in 3 grades
* Supports the adjust color temperature in 3 grades
* Effectively switching time from 0.3S ~ 3S
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UL23EBL-SH2-R
UL23EBG-SH2-R
HSOP-8
Tape Reel


Similar Part No. - UL23EBL-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL23EA UTC-UL23EA Datasheet
382Kb / 13P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL23EAG-SH2-R UTC-UL23EAG-SH2-R Datasheet
382Kb / 13P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL23EAL-SH2-R UTC-UL23EAL-SH2-R Datasheet
382Kb / 13P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
More results

Similar Description - UL23EBL-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL68B UTC-UL68B Datasheet
139Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL62 UTC-UL62 Datasheet
121Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL67C UTC-UL67C Datasheet
155Kb / 6P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL23EA UTC-UL23EA Datasheet
382Kb / 13P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66A UTC-UL66A Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66B UTC-UL66B Datasheet
168Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66X UTC-UL66X Datasheet
119Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68A UTC-UL68A Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68C UTC-UL68C Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68D UTC-UL68D Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com