Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL23EBL-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UL23EBL-SH2-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL23EBL-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UL23EBL-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL23EBL-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UL23EB
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R125-071.c
TYPICAL APPLICATION CIRCUIT (Cont.)
The UL23EB is a linear constant current IC that supports the adjust brightness or color temperature in 3 grades.
The output current can be adjusted from 5mA to 60mA, and constant current accuracy up to ± 4%.
In the Adjust Brightness Mode application of UL23EB,User can change the size of the output current by turn on/off
the power switch, that adjust brightness of LED lights. Changing the REXT external resistance Adjustment of
brightness ratio.
Open the switch for the 1st time, during constant current:
REXT1
REXT2
0.6
I1=
RR
Open the switch for the 2nd time, during constant current:
REXT2
0.3
I2=
R
Open the switch for the 3rd time, during constant current:
REXT2
0.6
I3=
R
The dimming ratio is 100%,50%,X%,
REXT2
REXT1
REXT2
R
X%=
R+R
Typical Applications:RREXT1=180Ω,RREXT2=20Ω,0.3S < Switching Period < 3S
Open the switch for the 1st time, IOUT2=3mA;
Open the switch for the 2nd time, IOUT1=15mA;
Open the switch for the 3rd time, IOUT1=30mA;
The dimming ratio is 10%, 50%, 100%
When the switching period > 3S, System reset.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com