Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 264 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 264 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 260Page - Texas Instruments AM6548 Datasheet HTML 261Page - Texas Instruments AM6548 Datasheet HTML 262Page - Texas Instruments AM6548 Datasheet HTML 263Page - Texas Instruments AM6548 Datasheet HTML 264Page - Texas Instruments AM6548 Datasheet HTML 265Page - Texas Instruments AM6548 Datasheet HTML 266Page - Texas Instruments AM6548 Datasheet HTML 267Page - Texas Instruments AM6548 Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 299 page
background image
264
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
The encoder wheel typically makes one revolution for every revolution of the motor or the wheel may be at
a geared rotation ratio with respect to the motor. Therefore, the frequency of the digital signal coming from
the QEPA and QEPB outputs varies proportionally with the velocity of the motor. For example, a 2000-line
encoder directly coupled to a motor running at 5000 revolutions per minute (rpm) results in a frequency of
166.6 KHz, so by measuring the frequency of either the QEPA or QEPB output, the processor can
determine the velocity of the motor.
The EQEP module includes the following features:
•
EQEP inputs (A/B/INDEX and STROBE) are available at chip level
•
EQEP phase error output is also available
The following EQEP features are not supported:
•
EQEP quadrature outputs (A and B) are not pinned out
For more information, see section Enhanced Quadrature Encoder Pulse (EQEP) Module in chapter
Peripherals of the device TRM.
6.11.12 GPIO
The general-purpose input/output (GPIO) peripheral provides dedicated general-purpose pins that can be
configured as either inputs or outputs. When configured as an output, user can write to an internal register
to control the state driven on the output pin. When configured as an input, user can obtain the state of the
input by reading the state of an internal register.
In addition, the GPIO peripheral can produce host CPU interrupts and DMA synchronization events in
different interrupt/event generation modes.
The device has three instances of GPIO144 modules. The GPIO pins are grouped into banks (16 pins per
bank), which means that each GPIO module provides up to 144 dedicated general-purpose pins with input
and output capabilities; thus, the general-purpose interface supports up to 432 (3 instances × (9 banks ×
16 pins)) pins. Since WKUP_GPIO0_[56:143], GPIO0_[96:143], and GPIO1_[90:143] are reserved in this
Device, general purpose interface supports up to 242 pins.
Each channel in the GPIO modules has the following features:
•
Supports 9 banks of 16 GPIO signals
•
Supports up to 9 banks of interrupt capable GPIOs
•
Interrupts:
–
Can enable interrupts for each bank of 16 GPIO signals
–
Interrupts can be triggered by rising and/or falling edge (or neither edge = disabled), specified for
each interrupt capable GPIO signal
•
Set/clear functionality:
–
Firmware writes 1 to corresponding bit position(s) to set or to clear GPIO signal(s). This allows
multiple firmware processes to toggle GPIO output signals without critical section protection
(disable interrupts, program GPIO, re-enable interrupts, to prevent context switching to another
process during GPIO programming).
•
Separate Input/Output registers:
–
Output register in addition to set/clear so that if preferred by firmware, some GPIO output signals
can be toggled by direct write to the output register(s).
–
Output register, when read in, reflects output drive status. This, in addition to the input register
reflecting pin status and open-drain I/O cell, allows wired logic be implemented.
GPIO do not support the following features:
GPIO Not Supported Features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com