Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 1 Page - Texas Instruments

  AM6548 Datasheet HTML 1Page - Texas Instruments AM6548 Datasheet HTML 2Page - Texas Instruments AM6548 Datasheet HTML 3Page - Texas Instruments AM6548 Datasheet HTML 4Page - Texas Instruments AM6548 Datasheet HTML 5Page - Texas Instruments AM6548 Datasheet HTML 6Page - Texas Instruments AM6548 Datasheet HTML 7Page - Texas Instruments AM6548 Datasheet HTML 8Page - Texas Instruments AM6548 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 299 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
AM654x, AM652x Sitara™ Processors
1
Device Overview
1
1.1
Features
1
Processor Cores:
• Quad-Core Arm® Cortex®-A53 Microprocessor
Subsystem at up to 1.1 GHz
– Two Dual-Core Cortex-A53 Clusters with 512KB
L2 Cache Including SECDED
– Each A53 Core has 32KB L1 ICache and 32K
L1 DCache
• Dual-Core Arm Cortex-R5F at up to 400 MHz
– Supports Lockstep Mode
– 16KB ICache, 16KB DCache, and 64KB RAM
per R5F Core
Industrial Subsystem:
• Three Gigabit Industrial Communication
Subsystems (PRU_ICSSG)
– Two 10/100/1000 Ethernet Ports per
PRU_ICSSG
– Supports Two SGMII Ports (2)
– Compatibility with 10/100Mb PRU-ICSS
– 24× PWMs per PRU_ICSSG
– Cycle-by-Cycle Control
– Enhanced Trip Control
– 18× Sigma-Delta Filters per PRU_ICSSG
– Short Circuit Logic
– Over-Current Logic
– 6× Multi-Protocol Position Encoder Interfaces
per PRU_ICSSG
Memory Subsystem:
• Up to 2MB of On-Chip L3 RAM with SECDED
• Multi-Core Shared Memory Controller (MSMC)
– Up to 2MB (2 banks × 1MB) SRAM with
SECDED
– Shared Coherent Level 2 or Level 3 Memory-
Mapped SRAM
– Shared Coherent Level 3 Cache
– 256-Bit Processor Port Bus and 40-Bit Physical
Address Bus
– Coherent Unified Bi-Directional Interfaces to
Connect to Processors or Device Masters
– L2, L3 Cache Pre-Warming and Post Flushing
– Bandwidth Management with Starvation Bound
– One Infrastructure Master Interface
– Single External Memory Master Interface
– Supports Distributed Virtual System
– Supports Internal DMA Engine – DRU (Data
Routing Unit)
– ECC Error Protection
• DDR Subsystem (DDRSS)
– Supports DDR3L/DDR4 Memory Types up to
DDR-1600
– Supports LPDDR4 Memory Type up to DDR-
1333
– 32-Bit Data Bus and 7-Bit SECDED Bus
– 32GB of Total Addressable Space
• General-Purpose Memory Controller (GPMC)
Safety:
• AM65xx Helps System Designers Address Safety
Requirements
– The Dual Cortex-R5F System is Undergoing
Assessment to be Certified at TÜV SÜD
According to IEC 61508, Targeting SIL-3
– The A53 Cores and Entire System on Chip
(SoC) is Undergoing Assessment to be Certified
at TÜV SÜD According to IEC 61508, Targeting
SIL-2
– ECC or Parity on Calculation-Critical Memories
– ECC and Parity on Internal Bus Interconnect
– Firewalls to Help Provide Freedom From
Interference (FFI)
– Built-In Self-Test (BIST) for CPU, High-End
Timers, and On-Chip RAM
– Hardware Error Injection Support for Test-for-
Diagnostics
– Error Signaling Modules (ESM) for Capture of
Safety Related Errors
– Voltage, Temperature, and Clock Monitoring
– Windowed and Non-Windowed Watchdog
Timers in Multiple Clock Domains
• MCU Island
– Isolation of the Dual-Core Arm Cortex-R5F
Microprocessor Subsystem to Help Provide
Freedom From Interference (FFI)
– Separate Voltage, Clocks, Resets, and
Dedicated Peripherals
– Internal MCSPI Connection to the Rest of SoC
Security:
• Secure Boot Supported
– Hardware-Enforced Root-of-Trust
– Support to Switch Root-of-Trust via Backup Key
– Support for Takeover Protection, IP Protection,
and Anti-Roll Back Protection
• Cryptographic Acceleration Supported
– Session-Aware Cryptographic Engine with


Similar Part No. - AM6548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM6548 TI1-AM6548 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
AM6548 TI-AM6548 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI1-AM6548 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI-AM6548 Datasheet
6Mb / 284P
AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
AM6548ACD TI-AM6548ACD Datasheet
6Mb / 284P
AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results

Similar Description - AM6548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
Sitara Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com