Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 59Page - Texas Instruments AM6548 Datasheet HTML 60Page - Texas Instruments AM6548 Datasheet HTML 61Page - Texas Instruments AM6548 Datasheet HTML 62Page - Texas Instruments AM6548 Datasheet HTML 63Page - Texas Instruments AM6548 Datasheet HTML 64Page - Texas Instruments AM6548 Datasheet HTML 65Page - Texas Instruments AM6548 Datasheet HTML 66Page - Texas Instruments AM6548 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 299 page
background image
63
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
4.3.6
ECAP
4.3.6.1
MAIN Domain
Table 4-11. ECAP0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
ECAP0_IN_APWM_OUT
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
IO
D21
4.3.7
EHRPWM
4.3.7.1
MAIN Domain
Table 4-12. EHRPWM Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
EHRPWM_SOCA
EHRPWM Start of Conversion A
O
AC19
EHRPWM_SOCB
EHRPWM Start of Conversion B
O
AF16
EHRPWM_TZn_IN0
EHRPWM Trip Zone Input 0 (active low)
I
AH17
EHRPWM_TZn_IN1
EHRPWM Trip Zone Input 1 (active low)
I
AC19
EHRPWM_TZn_IN2
EHRPWM Trip Zone Input 2 (active low)
I
AF16
EHRPWM_TZn_IN3
EHRPWM Trip Zone Input 3 (active low)
I
AG14
EHRPWM_TZn_IN4
EHRPWM Trip Zone Input 4 (active low)
I
AE15
EHRPWM_TZn_IN5
EHRPWM Trip Zone Input 5 (active low)
I
AC15
Table 4-13. EHRPWM0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
EHRPWM0_A
EHRPWM Output A
IO
AG18
EHRPWM0_B
EHRPWM Output B
IO
AG17
EHRPWM0_SYNCI
Sync Input to EHRPWM module from an external pin
I
AF18
EHRPWM0_SYNCO
Sync Output to EHRPWM module to an external pin
O
AE18
Table 4-14. EHRPWM1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
EHRPWM1_A
EHRPWM Output A
IO
AF17
EHRPWM1_B
EHRPWM Output B
IO
AE17
Table 4-15. EHRPWM2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
EHRPWM2_A
EHRPWM Output A
IO
AH16
EHRPWM2_B
EHRPWM Output B
IO
AG16
Table 4-16. EHRPWM3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
EHRPWM3_A
EHRPWM Output A
IO
AH15
EHRPWM3_B
EHRPWM Output B
IO
AC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com