Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 5 Page - Texas Instruments

  AM6548 Datasheet HTML 1Page - Texas Instruments AM6548 Datasheet HTML 2Page - Texas Instruments AM6548 Datasheet HTML 3Page - Texas Instruments AM6548 Datasheet HTML 4Page - Texas Instruments AM6548 Datasheet HTML 5Page - Texas Instruments AM6548 Datasheet HTML 6Page - Texas Instruments AM6548 Datasheet HTML 7Page - Texas Instruments AM6548 Datasheet HTML 8Page - Texas Instruments AM6548 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 299 page
background image
Interconnect
Media
& Data Storage
Audio
Peripherals
General
Connectivity
Automotive
Interfaces
intro_001
A 654x / AM652x
M
2x MMC/SD
3x MCASP
PCIe®
2x Single/1x Dual Lane
Gen 3
(3)
GPIO
1x USB 2.0 DRD
High-Speed
Serial Interfaces
4x UART
5x MCSPI
(2)
Control
Interfaces
6x eHRPWM
1x eCAP
3x eQEP
Copyright © 2018, Texas Instruments Incorporated
5x I2C
2x ADC
(1)
2x Arm®
Cortex –A53
®
Industrial
Subsystem
3x PRU_ICSSG
(3)
(Up to 6x
Ethernet ports)
512KB L2
with ECC
GPU
Memory Subsystem
DDRSS with ECC
GPMC
Video Input
CAL
MIPI CSI-2
LVDSRX
Navigator Subsystem
MCU Island
2x Arm
Cortex -R5F
®
®
1x USB 3.1 DRD
(3)
2x RTI/WWDT
System Services
12x GP Timers
PDMA
Debug
PDMA
BT.656/1120
2x Arm®
Cortex –A53
®
512KB L2
with ECC
DMSC
Security Accelerators
AES
AES
AES
PKA
AES
MD5
AES
SHA
AES
DRBG
AES
3DES
2x OSPI
or 1x OSPI +
1x Hyperbus
(1)
MSMC
2MB SRAM with ECC
ELM
3x MCSPI
(1)(2)
1x UART
(1)
1x I2C
(1)
2x MCAN-FD
(1)
(With optional Lockstep)
10/100/1000 Ethernet
(1)
PDMA
4x RTI/WWDT
UDMA
Proxy
2x PVU
CPTS
RA
MCRC
INTR
12x Mailbox
Spinlock
3x INTA
2x TIMER_MGR
Channelized FW
Display Subsystem
PDMA
MIPI DPI
Open LDI
2x Video Pipeline
Blend/Scale/CSC
Navigator Subsystem
UDMA
Proxy
MCRC
RA
INTR
INTA
Channelized FW
2x RTI/WWDT
4x GP Timers
PDMA
ESM
Scratchpad RAM 512B
MCU_MSRAM 512KB
ESM
5
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Overview
Copyright © 2017–2018, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 is functional block diagram for the device.
(1)
This interface is located on the MCU Island but is available for the full system to access.
(2)
One port is internally connected only; not connected to any pins.
(3)
SGMII, USB3.1 and PCIe share a total of two SerDes lanes.
Figure 1-1. AM654x, AM652x Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com