Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 113Page - Texas Instruments AM6548 Datasheet HTML 114Page - Texas Instruments AM6548 Datasheet HTML 115Page - Texas Instruments AM6548 Datasheet HTML 116Page - Texas Instruments AM6548 Datasheet HTML 117Page - Texas Instruments AM6548 Datasheet HTML 118Page - Texas Instruments AM6548 Datasheet HTML 119Page - Texas Instruments AM6548 Datasheet HTML 120Page - Texas Instruments AM6548 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 299 page
background image
117
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Absolute Maximum Ratings (continued)
over operating free-air temperature range (unless otherwise noted)
(1)(2)(3)
PARAMETERS
MIN
MAX
UNIT
VDDS5
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS6
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS7
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS8
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV0
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV0_WKUP
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV1
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV1_WKUP
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV2
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV2_WKUP
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV3
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV4
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV5
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV6
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV7
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDSHV8
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VPP_CORE
Supply voltage range for CORE EFUSE domain
TBD
TBD
V
VPP_MCU
Supply voltage range for MCU EFUSE domain
TBD
TBD
V
USB0_VBUS
Voltage range for USB VBUS comparator input
TBD
TBD
V
USB1_VBUS
Voltage range for USB VBUS comparator input
TBD
TBD
V
Steady State Max. Voltage at all IO pins (4)
TBD
V
Transient Overshoot and Undershoot specification at IO terminal (5)
TBD
V
Latch-up
Performance (6)
Class II (105°C)
Latch-up I-test performance current-pulse injection on each IO
pin
TBD
TBD
mA
Latch-up overvoltage performance voltage injection on each IO
pin
TBD
TBD
mA
TSTG
Storage temperature after soldered onto PC board
TBD
TBD
°C
Latch-up I-test
I-test, all I/Os (if different levels, then one line per level)
TBD
TBD
mA
Latch-up OV-test
Overvoltage test, all supplies (if different levels, then one line per level)
N/A
TBD
V
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Section 5.4, Recommended
Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to their associated VSS or VSSA_x, unless otherwise noted.
(3) To determine which power supply is associated with any IO refer to Table 4-1, Pin Attributes.
(4) This parameter applies to all IO terminals which are not fail-safe and the requirement applies to all values of IO supply voltage. For
example, if the voltage applied to a specific IO supply is 0 volts the valid input voltage range for any IO powered by that supply will be
–TBD to +IO supply + TBD volts. Special attention should be applied anytime peripheral devices are not powered from the same power
sources used to power the respective IO supply. It is important the attached peripheral never sources a voltage outside the valid input
voltage range, including power supply ramp-up and ramp-down sequences.
(5) Overshoot/Undershoot percentage relative to I/O operating values - for example the maximum overshoot value for 1.8 V LVCMOS
signals is VDDS18V6/9 + (0.20 × VDDS18V6/9) and maximum undershoot value would be VSS - (0.20 × VDDS18V6/9).
(6) For current pulse injection: Pins stressed per JEDEC JESD78D (Class II) and passed with specified I/O pin injection current and clamp
voltage of 1.5 times maximum recommended I/O voltage and negative 0.5 times maximum recommended I/O voltage.
For overvoltage performance: Supplies stressed per JEDEC JESD78D (Class II) and passed specified voltage injection.
Fail-safe IO terminals are designed such they do not have dependencies on the respective IO power
supply voltage. This allows external voltage sources to be connected to these IO terminals when the
respective IO power supplies are turned off. The I2C0_SCL, I2C0_SDA, I2C1_SCL, I2C1_SDA,
DDR_FS_RESETn, and NMIn are the only fail-safe IO terminals. All other IO terminals are not fail-safe
and the voltage applied to them should be limited to the value defined by the Steady State Max. Voltage at
all IO pins parameter in Section 5.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com