Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 123 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 119Page - Texas Instruments AM6548 Datasheet HTML 120Page - Texas Instruments AM6548 Datasheet HTML 121Page - Texas Instruments AM6548 Datasheet HTML 122Page - Texas Instruments AM6548 Datasheet HTML 123Page - Texas Instruments AM6548 Datasheet HTML 124Page - Texas Instruments AM6548 Datasheet HTML 125Page - Texas Instruments AM6548 Datasheet HTML 126Page - Texas Instruments AM6548 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 299 page
background image
123
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-4. Analog OSC Buffers DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
1.8-V MODE High Frequency Oscillator
BALL NAMES in Mode 0: WKUP_OSC0_XI / WKUP_OSC0_XO / OSC1_XI / OSC1_XO
BALL NUMBERS: C22 / E22 / AD5 / AE6
VIH
Input high-level threshold
0.65 ×
VDDS
V
VIL
Input low-level threshold
0.35 ×
VDDS
V
COSC
Crystal Shunt capacitance
4
pF
CLC
Load Capacitance
12
24
pF
TDC
Output duty cycle on core port
40
50
60
%
1.8-V MODE Low Frequency Oscillator
BALL NAMES in Mode 0:
WKUP_LFOSC0_XI, WKUP_LFOSC0_XO
BALL NUMBERS: AC4 / AE4
VIH
Input high-level threshold
0.65 ×
VDDS
V
VIL
Input low-level threshold
0.35 ×
VDDS
V
COSC
Crystal Shunt capacitance
1.35
pF
CLC
Load Capacitance
12
24
µF
TDC
Output duty cycle on core port
45
50
55
%
(1) VDDS in this table stands for corresponding power supply. For more information on the power supply name and the corresponding ball,
see Table 4-1, POWER [9] column.
Table 5-5. UHS-I MMC (8bit PHY) Buffers DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
BALL NAMES in Mode 0: MMC0_CLK / MMC0_CMD / MMC0_DS / MMC0_DAT[7:0] / MMC1_CLK / MMC1_CMD / MMC1_DAT[3:0] /
MMC0_CALPAD / MMC1_CALPAD
BALL NUMBERS: A24 / A25 / A26 / B25 / B26 / B27 / C25 / C26 / C27 / C28 / D24 / D25 / D26 / D27 / D28 / E24 / E25 / E27 / F23
1.8-V Mode
VIH
Input high-level voltage
0.65 ×
VDDS
VDDS
VDDS+0.3
V
VIL
Input low-level voltage
VDDS-0.3
VSSQ
0.35 ×
VDDS
V
VHYS
Input hysteresis voltage
50
mV
IIN
Input current at each I/O pin
30
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by
the tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and
the Max(I(PAD)) is measured and is reported as IOZ
30
µA
IIN with pulldown enabled
Input current at each I/O pin with weak pulldown enabled
measured when PAD = VDDS
50
120
210
µA
IIN with pullup enabled
Input current at each I/O pin with weak pullup enabled
measured when PAD = 0
60
120
200
µA
CPAD
Pad capacitance (including package capacitance)
5
pF
VOH
Output high-level threshold (IOH = 2 mA)
0.75 ×
VDDS
V
VOL
Output low-level threshold (IOL = 2 mA)
0.125 ×
VDDS
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com