Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 2 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 2 Page - Texas Instruments

  AM652X Datasheet HTML 1Page - Texas Instruments AM652X Datasheet HTML 2Page - Texas Instruments AM652X Datasheet HTML 3Page - Texas Instruments AM652X Datasheet HTML 4Page - Texas Instruments AM652X Datasheet HTML 5Page - Texas Instruments AM652X Datasheet HTML 6Page - Texas Instruments AM652X Datasheet HTML 7Page - Texas Instruments AM652X Datasheet HTML 8Page - Texas Instruments AM652X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 299 page
background image
2
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Device Overview
Copyright © 2017–2018, Texas Instruments Incorporated
Ability to Auto-Switch Key-Material Based on
Incoming Data Stream
– Supports Cryptographic Cores
– AES – 128/192/256 Bits Key Sizes
– 3DES – 56/112/168 Bits Key Sizes
– MD5, SHA1
– SHA2 – 224/256/384/512
– DRBG with True Random Number Generator
– PKA (Public Key Accelerator) to Assist in
RSA/ECC Processing
– DMA Support
• Debugging Security
– Secure Software Controlled Debug Access
– Security Aware Debugging
• Trusted Execution Environment (TEE) Supported
– Arm TrustZone® Based TEE
– Extensive Firewall Support for Isolation
– Secure DMA Path and Interconnect
– Secure Watchdog/Timer/IPC
• Secure Storage Support
• On-the-Fly Encryption and Authentication Support
for OSPI Interface
• Networking Security Support for Data (Payload)
Encryption/Authentication via Packet Based
Hardware Cryptographic Engine
• Security Co-Processor (DMSC) for Key and
Security Management, with Dedicated Device
Level Interconnect for Security
SoC Services:
• Device Management Security Controller (DMSC)
– Centralized SoC System Controller
– Manages System Services Including Initial Boot,
Security, Safety and Clock/Reset/Power
Management
– Power Management Controller for Active and
Low Power Modes
– Communication with Various Processing Units
over Message Manager
– Simplified Interface for Optimizing Unused
Peripherals
– Tracing and Debugging Capability
• Sixteen 32-Bit General-Purpose Timers
• Two Data Movement and Control Navigator
Subsystems (NAVSS)
– Ring Accelerator (RA)
– Unified DMA (UDMA)
– Up to 2 Timer Managers (TM) (1024 Timers
Each)
Multimedia:
• Display Subsystem
– Two Fully Input-Mapped Overlay Managers
Associated with Two Display Outputs
– One Port MIPI® DPI Parallel Interface
– One Port OLDI
• Graphics Processing Unit (GPU)
• One Camera Serial Interface-2 (MIPI CSI-2)
• One Port Video Capture: BT.656/1120 (No
Embedded Sync)
High-Speed Interfaces:
• One Gigabit Ethernet (CPSW) Interface Supporting
– RMII (10/100) or RGMII (10/100/1000)
– IEEE1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Audio/Video Bridging (P802.1Qav/D6.0)
– Energy-Efficient Ethernet (802.3az)
– Jumbo Frames (2024 bytes)
– Clause 45 MDIO PHY Management
• Two PCI-Express® Revision 3.1 Subsystems (2)
– Supports Gen3 (8.0GT/s) Operation
– Two Independent 1-lane, or a Single 2-lane Port
– Support for Concurrent Root-Complex and/or
End-Point Operation
• USB 3.1 Dual-Role Device Subsystem (2)
– One Enhanced SuperSpeed Gen1 Port
– One USB 2.0 Port
– Each Port Independently Configurable as USB
Host, USB Peripheral, or USB Dual-Role Device
General Connectivity:
• 6× Inter-Integrated Circuit (I2C) Ports
• 5× Configurable UART/IrDA/CIR Modules
• Two Simultaneous Flash Interfaces Configured
– Two OSPI™ Flash Interfaces
– or Hyperbus™ and OSPI1 Flash Interface
• 2× 12-Bit Analog-to-Digital Converters (ADC)
– Up to 4 Msamples/s
– Eight Multiplexed Analog Inputs
• 8× Multichannel Serial Peripheral Interfaces
(MCSPI) Controllers
– Two with Internal Connections
– Six with External Interfaces
• General-Purpose I/O (GPIO) Pins
Control Interfaces:
• 6× Enhanced High Resolution Pulse-Width
Modulator (EHRPWM) Modules
• One Enhanced Capture (eCAP) Module
• 3× Enhanced Quadrature Encoder Pulse (eQEP)
Modules
Automotive Interfaces:
• 2× Modular Controller Area Network (MCAN)
Modules with Full CAN-FD Support
Audio Interfaces:
• 3× Multichannel Audio Serial Port (MCASP)
Modules
Media and Data Storage:
• 2× MultiMedia Card/Secure Digital (MMC/SD)
Interfaces
Simplified Power Management:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com