Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 76 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 76 Page - Texas Instruments

Back Button AM652X Datasheet HTML 72Page - Texas Instruments AM652X Datasheet HTML 73Page - Texas Instruments AM652X Datasheet HTML 74Page - Texas Instruments AM652X Datasheet HTML 75Page - Texas Instruments AM652X Datasheet HTML 76Page - Texas Instruments AM652X Datasheet HTML 77Page - Texas Instruments AM652X Datasheet HTML 78Page - Texas Instruments AM652X Datasheet HTML 79Page - Texas Instruments AM652X Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 299 page
background image
76
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
Table 4-27. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
GPMC0_A27
GPMC address 27 in A/D non-multiplexed mode and
Address 27 in A/D multiplexed mode
OZ
R25
GPMC0_AD0
GPMC Data 0 Input/Output in A/D non-multiplexed mode
and additionally Address 1 Output in A/D multiplexed
mode
IO
M27
GPMC0_AD1
GPMC Data 1 Input/Output in A/D non-multiplexed mode
and additionally Address 2 Output in A/D multiplexed
mode
IO
M23
GPMC0_AD2
GPMC Data 2 Input/Output in A/D non-multiplexed mode
and additionally Address 3 Output in A/D multiplexed
mode
IO
M28
GPMC0_AD3
GPMC Data 3 Input/Output in A/D non-multiplexed mode
and additionally Address 4 Output in A/D multiplexed
mode
IO
M24
GPMC0_AD4
GPMC Data 4 Input/Output in A/D non-multiplexed mode
and additionally Address 5 Output in A/D multiplexed
mode
IO
N24
GPMC0_AD5
GPMC Data 5 Input/Output in A/D non-multiplexed mode
and additionally Address 6 Output in A/D multiplexed
mode
IO
N27
GPMC0_AD6
GPMC Data 6 Input/Output in A/D non-multiplexed mode
and additionally Address 7 Output in A/D multiplexed
mode
IO
N28
GPMC0_AD7
GPMC Data 7 Input/Output in A/D non-multiplexed mode
and additionally Address 8 Output in A/D multiplexed
mode
IO
M25
GPMC0_AD8
GPMC Data 8 Input/Output in A/D non-multiplexed mode
and additionally Address 9 Output in A/D multiplexed
mode
IO
N23
GPMC0_AD9
GPMC Data 9 Input/Output in A/D non-multiplexed mode
and additionally Address 10 Output in A/D multiplexed
mode
IO
M26
GPMC0_AD10
GPMC Data 10 Input/Output in A/D non-multiplexed
mode and additionally Address 11 Output in A/D
multiplexed mode
IO
P28
GPMC0_AD11
GPMC Data 11 Input/Output in A/D non-multiplexed
mode and additionally Address 12 Output in A/D
multiplexed mode
IO
P27
GPMC0_AD12
GPMC Data 12 Input/Output in A/D non-multiplexed
mode and additionally Address 13 Output in A/D
multiplexed mode
IO
N26
GPMC0_AD13
GPMC Data 13 Input/Output in A/D non-multiplexed
mode and additionally Address 14 Output in A/D
multiplexed mode
IO
N25
GPMC0_AD14
GPMC Data 14 Input/Output in A/D non-multiplexed
mode and additionally Address 15 Output in A/D
multiplexed mode
IO
P24
GPMC0_AD15
GPMC Data 15 Input/Output in A/D non-multiplexed
mode and additionally Address 16 Output in A/D
multiplexed mode
IO
R27
GPMC0_BE0n_CLE
GPMC Lower-Byte Enable (active low) or Command
Latch Enable
O
T28
GPMC0_BE1n
GPMC Upper-Byte Enable (active low)
O
P23
GPMC0_CSn0
GPMC Chip Select 0 (active low)
O
R24
GPMC0_CSn1
GPMC Chip Select 1 (active low)
O
T23
GPMC0_CSn2
GPMC Chip Select 2 (active low)
O
R25
GPMC0_CSn3
GPMC Chip Select 3 (active low)
O
T27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com