Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 21 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM652X Datasheet HTML 17Page - Texas Instruments AM652X Datasheet HTML 18Page - Texas Instruments AM652X Datasheet HTML 19Page - Texas Instruments AM652X Datasheet HTML 20Page - Texas Instruments AM652X Datasheet HTML 21Page - Texas Instruments AM652X Datasheet HTML 22Page - Texas Instruments AM652X Datasheet HTML 23Page - Texas Instruments AM652X Datasheet HTML 24Page - Texas Instruments AM652X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 299 page
background image
Copyright © 2017–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
21
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Table 4-1. Pin Attributes (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMODE
[7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL
UP/DOWN
TYPE [12]
DSIS [13]
RXACTIVE/
TXDISABL
E [14]
R23
GPMC0_WAIT1
GPMC0_WAIT1
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1
0/1
VOUT1_DATA23
1
O
VIN0_VD
2
I
0
PRG2_PWM1_A0
3
IO
0
PRG2_IEP1_EDC_LATCH_IN0
4
I
0
TIMER_IO3
5
IO
0
PRG2_IEP0_EDIO_DATA_IN_OUT28
6
IO
0
GPIO0_23
7
IO
0
D20
I2C0_SCL
I2C0_SCL
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
C21
I2C0_SDA
I2C0_SDA
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
B21
I2C1_SCL
I2C1_SCL
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
CPTS0_HW1TSPUSH
1
I
0
E21
I2C1_SDA
I2C1_SDA
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
CPTS0_HW2TSPUSH
1
I
0
K2
MCU_ADC0_REFN
MCU_ADC0_REFN
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
K3
MCU_ADC0_REFP
MCU_ADC0_REFP
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
H3
MCU_ADC1_REFN
MCU_ADC1_REFN
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
H2
MCU_ADC1_REFP
MCU_ADC1_REFP
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
K5
MCU_ADC0_AIN0
MCU_ADC0_AIN0
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
J3
MCU_ADC0_AIN1
MCU_ADC0_AIN1
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
J1
MCU_ADC0_AIN2
MCU_ADC0_AIN2
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
J5
MCU_ADC0_AIN3
MCU_ADC0_AIN3
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
K4
MCU_ADC0_AIN4
MCU_ADC0_AIN4
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
J4
MCU_ADC0_AIN5
MCU_ADC0_AIN5
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
J2
MCU_ADC0_AIN6
MCU_ADC0_AIN6
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
J6
MCU_ADC0_AIN7
MCU_ADC0_AIN7
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog
F4
MCU_ADC1_AIN0
MCU_ADC1_AIN0
A
OFF
1.8 V
VDDA_ADC_MC
U
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com