Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 206 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM652X Datasheet HTML 202Page - Texas Instruments AM652X Datasheet HTML 203Page - Texas Instruments AM652X Datasheet HTML 204Page - Texas Instruments AM652X Datasheet HTML 205Page - Texas Instruments AM652X Datasheet HTML 206Page - Texas Instruments AM652X Datasheet HTML 207Page - Texas Instruments AM652X Datasheet HTML 208Page - Texas Instruments AM652X Datasheet HTML 209Page - Texas Instruments AM652X Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 299 page
background image
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
HSSD1
HSSD2L
HSSD2H
HSSD3
HSSD4
HSSD7
HSSD8
MMC1_03
DSSD2
DSSD1
DSSD0
DSSD3
DSSD4
MMC1_CLK
MMC1_CMD
MMC1_DAT[3:0]
MMC1_02
206
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 5-77. MMC/SD in - Default Speed - Transmitter Mode
5.11.5.16.2.2 High speed, 4-bit data, SDR, half-cycle
Table 5-73 and Table 5-74 present Timing requirements and Switching characteristics for MMC1 - High
Speed in receiver and transmitter mode (see Figure 5-78 and Figure 5-79).
Table 5-73. Timing Requirements for MMC1 - SD Card High Speed Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
HSSD3 tsu(cmdV-clkH)
Setup time, MMC1_CMD valid before MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
2.96
ns
HSSD4 th(clkH-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK rising
clock edge
Positive-edge
Reference Clock
2.67
ns
HSSD7 tsu(dV-clkH)
Setup time, MMC1_DAT[3:0] valid before MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
2.96
ns
HSSD8 th(clkH-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK
rising clock edge
Positive-edge
Reference Clock
2.67
ns
Table 5-74. Switching Characteristics for MMC1 - SD Card High Speed Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
HSSD1
fop(clk)
Operating frequency, MMC1_CLK
Positive-edge
Reference Clock
48
MHz
HSSD2H tw(clkH)
Pulse duration, MMC1_CLK high
Positive-edge
Reference Clock
9.6
ns
HSSD2L
tw(clkL)
Pulse duration, MMC1_CLK low
Negative-edge
Reference Clock
9.6
ns
HSSD5
td(clkL-cmdV)
Delay time, MMC1_CLK falling clock edge to
MMC1_CMD transition
Negative-edge
Reference Clock
-7.5
3.5
ns
HSSD6
td(clkL-dV)
Delay time, MMC1_CLK falling clock edge to
MMC1_DAT[3:0] transition
Negative-edge
Reference Clock
-7.5
3.5
ns
(1) P = output MMC1_CLK period in ns
Figure 5-78. MMC/SD in - High Speed - Receiver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com