Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 275 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 275 Page - Texas Instruments

Back Button AM652X Datasheet HTML 271Page - Texas Instruments AM652X Datasheet HTML 272Page - Texas Instruments AM652X Datasheet HTML 273Page - Texas Instruments AM652X Datasheet HTML 274Page - Texas Instruments AM652X Datasheet HTML 275Page - Texas Instruments AM652X Datasheet HTML 276Page - Texas Instruments AM652X Datasheet HTML 277Page - Texas Instruments AM652X Datasheet HTML 278Page - Texas Instruments AM652X Datasheet HTML 279Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 299 page
background image
275
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Support for data safety mechanisms:
–
Bidirectional CRC on Multiple-SPI interface.
–
Handling ECC errors for flash devices with embedded correction engine.
•
Full integration with PHY module dedicated to more flexible and power efficient transfers.
The following features are not supported on this family of devices:
•
OSPI1_D[7:4] are not pinned out.
•
OSPI1_SCn[3:2] are not pinned out.
•
DMA not supported.
•
Pulse events not used.
•
In Octal-SPI mode, Mode 1 and 2 are not supported. In Mode 3 DDR is not supported.
•
In Quad-SPI mode, Mode 1 and 2 are not supported. In Mode 3 DDR is not supported.
For more information, see section Octal Serial Peripheral Interface (OSPI) in chapter Peripherals of the
device TRM.
6.11.22 PCIE
The Peripheral Component Interconnect Express (PCIe) subsystem is built around a multi-lane dual-mode
PCIe controller that provides low pin-count, high reliability, and high-speed data transfers at rates of up to
8.0 Gbps per lane for serial links on backplanes and printed wiring boards.
The device includes two instantiations of PCIe subsystem named PCIE0 and PCIE1.
Each PCIe subsystem supports the following main features:
The PCIe subsystems do not support the following features:
•
Compliance to PCIe® Base Specification, Revision 3.1
•
One or two-lane configuration with up to 8.0 Gbps/lane (Gen3/Gen2)
–
PCIE0 used as 2-lane controller, configurable in 1x1 or 1x2 mode
–
PCIE1 used as 1-lane controller configured in 1x1 mode
•
Gen3 (8 Gbps 128/130-bit encoding), Gen2 (5 Gbps 8/10-bit encoding) and Gen1 (2.5 Gbps 8/10-bitb
encoding) with auto-negotiation
•
Dynamic width conversion when switching between Gen1/2/3 modes
•
Root Complex (RC) or End Point (EP) operation modes
•
Maximum outbound payload size of 128 bytes
•
Maximum inbound payload size of 256 bytes
•
Maximum remote read request size of 4K bytes
•
Ultra-low transmit and receive latency
•
Automatic lane reversal as specified in the PCIe 3.0 specification (transmit and receive)
•
Polarity inversion on receive
•
One Physical Functions (PF), One Virtual Function (VF)
•
Single function in End Point (EP) mode
•
Four virtual channels (VC)
•
Four traffic classes (TC)
•
Automatic credit management
•
ECRC generation and checking
•
PCI Device Power Management states D0, D1, D3Hot and D3Cold with the exception of D3 cold with
Vaux
•
PCIe Active State Power Management (ASPM) state L0s and L1 (with exceptions)
•
PCIe Link Power Management states, except L2 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com