Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 116 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM652X Datasheet HTML 112Page - Texas Instruments AM652X Datasheet HTML 113Page - Texas Instruments AM652X Datasheet HTML 114Page - Texas Instruments AM652X Datasheet HTML 115Page - Texas Instruments AM652X Datasheet HTML 116Page - Texas Instruments AM652X Datasheet HTML 117Page - Texas Instruments AM652X Datasheet HTML 118Page - Texas Instruments AM652X Datasheet HTML 119Page - Texas Instruments AM652X Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 299 page
background image
116
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)(2)(3)
PARAMETERS
MIN
MAX
UNIT
VDD_CORE
Supply voltage range for CORE domain
TBD
TBD
V
VDD_MCU
Supply voltage range for R5F MCU domain
TBD
TBD
V
VDD_MPU0
Supply voltage range for A53 MPU0 domain
TBD
TBD
V
VDD_MPU1
Supply voltage range for A53 MPU1 domain
TBD
TBD
V
VDD_WKUP0
Supply voltage range for WKUP domain
TBD
TBD
V
VDD_WKUP1
Supply voltage range for WKUP domain
TBD
TBD
V
VDD_DLL_MMC0
Supply voltage range for MMC0 DLL
TBD
TBD
V
VDD_DLL_MMC1
Supply voltage range for MMC1 DLL
TBD
TBD
V
VDDA_1P8_CSI0
Supply voltage range for CSI PHY, Analog, 1.8 V
TBD
TBD
V
VDDA_1P8_OLDI0
Supply voltage range for OLDI, Analog, 1.8 V
TBD
TBD
V
VDDA_1P8_SDIO
Supply voltage range for SDIO LDO, Analog, 1.8 V
TBD
TBD
V
VDDA_1P8_SERDES0
Supply voltage range for USB, PCIE, Analog, 1.8 V
TBD
TBD
V
VDDA_3P3_IOLDO_WKUP
Supply voltage range for WKUP IO Bias LDO, Analog, 3.3 V
TBD
TBD
V
VDDA_3P3_IOLDO0
Supply voltage range for IO Bias LDO, Analog 3.3 V
TBD
TBD
V
VDDA_3P3_IOLDO1
Supply voltage range for IO Bias LDO, Analog 3.3 V
TBD
TBD
V
VDDA_3P3_SDIO
Supply voltage range for SDIO LDO, Analog, 3.3 V
TBD
TBD
V
VDDA_3P3_USB
Supply voltage range for USBPHY, Analog, 3.3 V
TBD
TBD
V
VDDA_ADC_MCU
Supply voltage range for ADC0, ADC1, Analog
TBD
TBD
V
VDDA_PLL0_DDR
Supply voltage range for DDR DPLL, Analog
TBD
TBD
V
VDDA_PLL1_DDR
Supply voltage range for DDR De-skew DPLL, Analog
TBD
TBD
V
VDDA_LDO_WKUP
Supply voltage range for WKUP LDO, Analog
TBD
TBD
V
VDDA_MCU
Supply voltage range for MCU SRAM LDO, MCU DPLL, CPSW
DPLL, Analog
TBD
TBD
V
VDDA_PLL_CORE
Supply voltage range for CORE DPLL, PER1 DPLL, Analog
TBD
TBD
V
VDDA_PLL_DSS
Supply voltage range for DSS DPLL, Analog
TBD
TBD
V
VDDA_PLL_MPU0
Supply voltage range for MPU0 DPLL, Analog
TBD
TBD
V
VDDA_PLL_MPU1
Supply voltage range for MPU1 DPLL, Analog
TBD
TBD
V
VDDA_PLL_PER0
Supply voltage range for PER0 DPLL, Analog
TBD
TBD
V
VDDA_POR_WKUP
Supply voltage range for WKUP POR, Analog
TBD
TBD
V
VDDA_SRAM_CORE0
Supply voltage range for CORE SRAM LDOs, Analog
TBD
TBD
V
VDDA_SRAM_CORE1
Supply voltage range for CORE SRAM LDOs, Analog
TBD
TBD
V
VDDA_SRAM_MPU0
Supply voltage range for MPU SRAM LDOs, Analog
TBD
TBD
V
VDDA_SRAM_MPU1
Supply voltage range for MPU SRAM LDOs, Analog
TBD
TBD
V
VDDA_WKUP
Supply voltage range for WKUP OSC, SRAM LDO, Analog
TBD
TBD
V
VDDS_DDR
Supply voltage range for DDR IO domain
TBD
TBD
V
VDDS_OSC1
Supply voltage range for CORE HFOSC, Analog
TBD
TBD
V
VDDS0
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS0_WKUP
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS1
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS1_WKUP
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS2
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS2_WKUP
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS3
Supply voltage range for dual-voltage IO domain
TBD
TBD
V
VDDS4
Supply voltage range for dual-voltage IO domain
TBD
TBD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com