Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 124 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM652X Datasheet HTML 120Page - Texas Instruments AM652X Datasheet HTML 121Page - Texas Instruments AM652X Datasheet HTML 122Page - Texas Instruments AM652X Datasheet HTML 123Page - Texas Instruments AM652X Datasheet HTML 124Page - Texas Instruments AM652X Datasheet HTML 125Page - Texas Instruments AM652X Datasheet HTML 126Page - Texas Instruments AM652X Datasheet HTML 127Page - Texas Instruments AM652X Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 299 page
background image
124
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-5. UHS-I MMC (8bit PHY) Buffers DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
3.3-V Mode
VIH
Input high-level threshold
0.65 ×
VDDS
VDDS
VDDS+0.3
V
VIL
Input low-level threshold
VDDS-0.3
VDDS
0.35 ×
VDDS
V
VHYS
Input hysteresis voltage
40
mV
IIN
Input current at each I/O pin
110
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by
the tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and
the Max(I(PAD)) is measured and is reported as IOZ
110
µA
IIN with pulldown enabled
Input current at each I/O pin with weak pulldown enabled
measured when PAD = VDDS
40
100
290
µA
IIN with pullup enabled
Input current at each I/O pin with weak pullup enabled
measured when PAD = 0
10
100
290
µA
CPAD
Pad capacitance (including package capacitance)
5
pF
VOH
Output high-level threshold (IOH = 2 mA)
0.75 ×
VDDS
V
VOL
Output low-level threshold (IOL = 2 mA)
0.125 ×
VDDS
V
(1) VDDS in this table stands for corresponding power supply (i.e. vddshv8). For more information on the power supply name and the
corresponding ball, see Table 4-1, POWER [9] column.
Table 5-6. DPHY CSI2 Buffers DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
BALL NAMES in Mode 0: CSI0_RXN0 / CSI0_RXN3 / CSI0_RXN4 / CSI0_RXP0 / CSI0_RXP3 / CSI0_RXP4 / CSI0_RXN1 / CSI0_RXN2
/ CSI0_RXP1 / CSI0_RXP2
BALL NUMBERS: F24 / F26 / F28 / G24 / G25 / G26 / G27 / G28 / H25 / H27
MIPI D-PHY Mode Low-Power Receiver (LP-RX)
VIH
Input high-level volgate
880
1350
mV
VIL
Input low-level voltage
-50
550
mV
VITH
Input high-level threshold
880
mV
VITL
Input low-level threshold
550
mV
VHYS
Input hysteresis
25
mV
MIPI D-PHY Mode Ultralow Power Receiver (ULP-RX)
VITH
Input high-level threshold
880
mV
VITL-ULPM
Input low-level voltage, ULPM
300
mV
VHYS
Input hysteresis
25
mV
MIPI D-PHY Mode High-Speed Receiver (HS-RX)
VIDTH
Differential input high-level threshold
70
mV
VIDTL
Differential input low-level threshold
-70
mV
VIDMAX
Maximum differential input voltage
270
mV
VIHHS
Single-ended input high voltage
460
mV
VILHS
Single-ended input low voltage
-40
mV
VCMRXDC
Differential input common-mode voltage
70
330
mV
ZID
Differential input impedance
80
125
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com