Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 130 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 130 Page - Texas Instruments

Back Button AM652X Datasheet HTML 126Page - Texas Instruments AM652X Datasheet HTML 127Page - Texas Instruments AM652X Datasheet HTML 128Page - Texas Instruments AM652X Datasheet HTML 129Page - Texas Instruments AM652X Datasheet HTML 130Page - Texas Instruments AM652X Datasheet HTML 131Page - Texas Instruments AM652X Datasheet HTML 132Page - Texas Instruments AM652X Datasheet HTML 133Page - Texas Instruments AM652X Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 299 page
background image
130
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Recommended Operating Conditions for OTP eFuse Programming (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
VPP_MCU
Supply voltage range for the eFuse ROM
domain during normal operation
N/A
Supply voltage range for the eFuse ROM
domain during OTP programming (1)
1.71
1.8
1.89
V
I(VPP_CORE)
TBD
mA
I(VPP_MCU)
TBD
mA
Tj
Temperature (ambient)
0
25
85
ºC
(1) Supply voltage range includes DC errors and peak-to-peak noise. TI power management solutions TLV70718 from the TLV707x family
meet the supply voltage range needed for VPP_CORE and VPP_MCU.
(2) N/A in this table stands for Not Applicable.
5.8.1
Hardware Requirements
The following hardware requirements must be met when programming keys in the OTP eFuses:
The VPP_CORE and VPP_MCU power supplies must be disabled when not programming OTP
registers.
The VPP_CORE and VPP_MCU power supplies must be ramped up after the proper device power-up
sequence (for more details, see Section 5.11.2).
5.8.2
Programming Sequence
Programming sequence for OTP eFuses:
Power on the board per the power-up sequencing. No voltage should be applied on the VPP_CORE
and VPP_MCU terminals during power up and normal operation.
Load the OTP write software required to program the eFuse (contact your local TI representative for
the OTP software package).
Apply the voltage on the VPP_CORE and VPP_MCU terminals according to the specification in
Table 5-11.
Run the software that programs the OTP registers.
After validating the content of the OTP registers, remove the voltage from the VPP_CORE and
VPP_MCU terminals.
5.8.3
Impact to Your Hardware Warranty
You recognize and accept at your own risk that your use of eFuse permanently alters the TI device. You
acknowledge that eFuse can fail due to incorrect operating conditions or programming sequence. Such a
failure may render the TI device inoperable and TI will be unable to confirm the TI device conformed to TI
device specifications prior to the attempted eFuse. CONSEQUENTLY, TI WILL HAVE NO LIABILITY FOR
ANY TI DEVICES THAT HAVE BEEN eFUSED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com