| Electronic Components Datasheet Search |
|
AM652X Datasheet(PDF) 141 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Datasheet(HTML) 141 Page - Texas Instruments |
|
141 / 299 page ![]() CL= C C f1 2 f (C +C ) f1 f2 SPRS932_CLOCK_03 Device WKUP_OSC0_XO WKUP_OSC0_XI C f1 Crystal Rd C f2 (Optional) SPRSP08_PCB_CLK_OSC_2 Rbias (Optional) PCB Ground 141 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2018, Texas Instruments Incorporated For more information about Input clock interfaces, see section Clocking in chapter Device Configuration of the device TRM. 5.11.4.1.1 WKUP_OSC0 Internal Oscillator Clock Source Figure 5-10 shows the recommended crystal circuit. It is recommended that preproduction printed-circuit board (PCB) designs include the two optional resistors Rbias and Rd in case they are required for proper oscillator operation when combined with production crystal circuit components. In most cases, Rbias is not required and Rd is a 0-Ω resistor. These resistors may be removed from production PCB designs after evaluating oscillator performance with production crystal circuit components installed on preproduction PCBs. Figure 5-10. WKUP_OSC0 Crystal Implementation NOTE The load capacitors, Cf1 and Cf2 in Figure 5-11, should be chosen such that the below equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. All discrete components used to implement the oscillator circuit should be placed as close as possible to the associated oscillator WKUP_OSC0_XI, WKUP_OSC0_XO, and VSS pins. Figure 5-11. Load Capacitance Equation The crystal must be in the fundamental mode of operation and parallel resonant. Table 5-16 summarizes the required electrical constraints. Table 5-16. WKUP_OSC0 Crystal Electrical Characteristics NAME DESCRIPTION MIN TYP MAX UNIT fp Parallel resonance crystal frequency 19.2, 20, 24, 25, 26, 27 MHz Cf1 Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2 12 24 pF Cf2 Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2 12 24 pF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |