Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC4128 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 35Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 36Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 37Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 38Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 39Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 40Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 41Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 42Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Data Sheet
RSC-4128
39
P/N 80-0206-J
© 2004 Sensory Inc.
Timing Diagrams
Note that the -RDR signal does not necessarily pulse for every read from code space, but may stay low for multiple
cycles.
ADDRESS
-RDF (-RDR)
DATA
-WRC (-WRD)
TRLRH
TRLAV
TRAVDV
TRHDX
TWLWH
ADDRESS
TAVWL
TALRAX
TALWAX
TWDVAV
TWHQX
DATA
External Read Timing
External Write Timing
Absolute Maximum Ratings
Any pin to GND:
-0.1V to +4.0V
Storage temperature:
-65°C to +150°C
Operating temperature:
-40°C to +85°C
Soldering temperature:
260°C for 10 sec
Power dissipation:
1 W
WARNING:
Stressing the RSC-4128 beyond the “Absolute
Maximum Ratings” may cause permanent damage.
These are stress ratings only.
Operation beyond the “Operating Conditions” is not
recommended and extended exposure beyond the
“Operating Conditions” may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com