Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC4128 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 41Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 42Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 43Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 44Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 45Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 46Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 47Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 48Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
1991 Russell Ave., Santa Clara, CA 95054
Tel: (408) 327-9000 Fax: (408) 727-4748
© 2004 SENSORY, INC. ALL RIGHTS RESERVED.
Sensory is registered by the U.S. Patent and
Trademark Office.
All other trademarks or registered trademarks are the
property of their respective owners.
www.sensoryinc.com
The Interactive Speech™ Product Line
The Interactive Speech line of ICs and software was developed to “bring life to products” through advanced speech recognition and audio
technology. The Interactive Speech Product Line was designed for consumer telephony products and cost-sensitive consumer electronic
applications such as home electronics, personal security, and personal communication. The product line includes award-winning RSC
series general-purpose microcontrollers and tools, SC series of speech microcontrollers, plus a line of easy-to-implement chips that can be
pin-configured or controlled by an external host microcontroller. Sensory’s software technologies run on a variety of microcontrollers and
DSPs.
RSC Microcontrollers and Tools
The RSC product line contains low-cost 8-bit speech-optimized microcontrollers designed for use in consumer
electronics. All members of the RSC family are fully integrated and include A/D, pre-amplifier, D/A, ROM, and RAM
circuitry. The RSC family can perform a full range of speech/audio functions including speech recognition, speaker
verification, speech and music synthesis, and voice record/playback. The family is supported by a complete suite of
evaluation tools and development kits.
SVC Microcontrollers and Tools
The SVC product line combines text-dependent speaker verification password biometrics with low-cost 8-bit microcontrollers designed
for use in consumer electronics. All members of the SVC family are fully integrated for speech applications and include A/D, pre-
amplifier, D/A, ROM, and RAM circuitry. The SVC family performs noise robust speaker verification password security functions and
speech synthesis. The family is supported by a complete suite of evaluation tools and development kits.
SC Microcontrollers and Tools
The SC-6x product line feature the highest quality speech synthesis ICs at the lowest data rate in the industry. The line includes a 12.32
MIPS processor for high-quality low data-rate speech compression and MIDI music synthesis, with plenty of power left over for other
processor and control functions. Members of the SC-6x line can store as much as 37 minutes of speech on chip and include as much
as 64 I/O pins for external interfacing. Integrating this broad range of features onto a single chip enables developers to create products
with high quality, long duration speech at very competitive price points.
Application Specific Standard Products (ASSPs)
Voice Direct™ II provides inexpensive speaker-dependent speech recognition and speech synthesis. This easy-to-use, pin-
configurable chip requires no custom programming and can recognize up to 15 words in 4 pin-programmable modes. Ideal for
speaker-dependent command and control of household consumer products, Voice Direct™ II is part of a complete product line
that includes the IC, module, and Voice Direct™ II Speech Recognition Kit.
Voice Extreme™ simplifies the creation of fully custom speech-enabled products by offering developers the capability of
programming the chip in a high-level C-like language. Program code, speech data, and even record and playback information can be
stored on a single off-chip Flash memory. Based on Sensory's RSC-364 speech processor, Voice Extreme includes a highly
efficient on-chip code interpreter, and is supported by a comprehensive suite of low-cost development tools.
Software and Technology
Voice Activation™ micro footprint software provides advanced speech technology on a variety of microcontroller and DSP
platforms. A flexible design with a broad range of technologies allows manufacturers to easily integrate speech functionality
into consumer electronic products.
Fluent Speech™ small footprint software recognizes up to 50,000 words; offers Animated Speech with the ability to automate
enunciation and articulation; performs text-to-speech synthesis in either male or female voices; provides noise and echo
cancellation, performs word spotting for natural language usage; offers telephone barge-in; and provides continuous digit
recognition.
Important notices
Reasonable efforts have been made to verify the accuracy of information contained herein, however no guarantee can be made
of accuracy or applicability. Sensory reserves the right to change any specification or description contained herein.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com