Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC4128 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RSC4128
Description  Speech Recognition Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSC4128 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RSC4128 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 9Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 10Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 11Page - List of Unclassifed Manufacturers RSC4128 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
RSC-4128
Data Sheet
8
P/N 80-0206-J
© 2004 Sensory Inc.
Reference Schematics
Schematic 1-1:
RSC-4128, Utilizing On-chip ROM and Optional External Serial Data Memory
LS1
SPEAKER
AVDD
C19
.1
C15
.1
C20
1uF
C11 .1
R3
1.2K
Vdd FLASH
C3
2.2uF
C9
.1
BT1
3V
AVDD
P1.4
Vdd
C1
2.2uF
P1.4
C16
.1
R2
100
Vdd
Y1
3.58MHz
P0.1
JP1
Recommended Diagnostic Output Port
1
2
3
4
C14
.1
R1
100K
C6
12pF
C8
.1
Optional
Vdd
Vdd FLASH
Vdd
C17
.1
C5
.1
C12
2.2uF
X1
MICROPHONE
Vdd
C13
.1
Vdd
C7
12pF
C4
.1
C2
.1
Vdd
C18
100uF
D1
1N4148
U2
RSC-4x with onchip ROM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
P0.0
D7
D6
PDN
D5
D4
GND
X01
XI1
Vdd
-XM
XO2
XI2
D3
D2
P2.7
D1
D0
GND
Vdd
P2.6
M1
P2.5
BRKPT
-RESET
PLLEN
A17
P1.7
A16
P1.6
GND
Vdd
A15
P1.5
A14
P1.4
A13
P1.3
A12
P1.2
A11
P1.1
A10
GND
VDD
A9
P1.0
A8
A7
P0.7
Vdd
U1
AT45DB011B
1
2
3
4
5
6
7
8
SI
SCK
-RST
-CS
-WP
VCC
GND
SO
C10
.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com