Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML66517 Datasheet(PDF) 26 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button ML66517 Datasheet HTML 20Page - OKI electronic componets ML66517 Datasheet HTML 21Page - OKI electronic componets ML66517 Datasheet HTML 22Page - OKI electronic componets ML66517 Datasheet HTML 23Page - OKI electronic componets ML66517 Datasheet HTML 24Page - OKI electronic componets ML66517 Datasheet HTML 25Page - OKI electronic componets ML66517 Datasheet HTML 26Page - OKI electronic componets ML66517 Datasheet HTML 27Page - OKI electronic componets ML66517 Datasheet HTML 28Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
26/28
QFP64-P-1414-0.80-BK
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 m or more
0.87 TYP.
(Unit : mm)
MIRROR FINISH
Notes for Mounting the Surface Mount Type Packages
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com