Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML66517 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML66517 Datasheet HTML 8Page - OKI electronic componets ML66517 Datasheet HTML 9Page - OKI electronic componets ML66517 Datasheet HTML 10Page - OKI electronic componets ML66517 Datasheet HTML 11Page - OKI electronic componets ML66517 Datasheet HTML 12Page - OKI electronic componets ML66517 Datasheet HTML 13Page - OKI electronic componets ML66517 Datasheet HTML 14Page - OKI electronic componets ML66517 Datasheet HTML 15Page - OKI electronic componets ML66517 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
12/28
ML66517/ML66Q517 Pin Descriptions (Continued)
Function
Symbol
Type
Description
V
DD
I
Power supply pin
Connect all V
DD pins to the power supply.*
GND
I
GND pin
Connect all GND pins to GND.*
V
REF
I
Analog reference voltage pin
Power
supply
AGND
I
Analog GND pin
OSC0
I
Main clock oscillation input pin
Connect to a crystal or ceramic oscillator. Or, input an external clock.
OSC1
O
Main clock oscillation output pin
Connect to a crystal or ceramic oscillator.
The clock output is opposite in phase to OSC0.
Leave this pin unconnected when an external clock is used.
CLKSEL0
I
Oscillation
CLKSEL1
I
Clock multiplication factor select pin
Clock multiplication factor is selected from source oscillation (PLL
OFF), source oscillation
× 2, or source oscillation × 4
Reset
RES
I
Reset input pin
NMI
I
Non-maskable interrupt input pin
Others
EA
I
External program memory access input pin
If the
EA pin is enabled (low level), the internal program memory is
masked and the CPU executes the program code in external program
memory all address space.
*
Each of the family devices has unique pattern routes for the internal power and ground. Connect the
power supply voltage to all V
DD pins and the ground potential to all GND pins. If a device may have
one or more V
DD or GND pins to which the power supply voltage or the ground potential is not
connected, it can not be guaranteed for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com