Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML66517 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML66517
Description  16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66517 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML66517 Datasheet HTML 9Page - OKI electronic componets ML66517 Datasheet HTML 10Page - OKI electronic componets ML66517 Datasheet HTML 11Page - OKI electronic componets ML66517 Datasheet HTML 12Page - OKI electronic componets ML66517 Datasheet HTML 13Page - OKI electronic componets ML66517 Datasheet HTML 14Page - OKI electronic componets ML66517 Datasheet HTML 15Page - OKI electronic componets ML66517 Datasheet HTML 16Page - OKI electronic componets ML66517 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PEDL66517-03
1Semiconductor
ML66517 Family
13/28
ML66Q515/ML66514 Pin Descriptions
Description
Function
Symbol
Type
Primary function
Type
Secondary function
P0_0/AD0
to
P0_7/AD7
I/O
8-bit I/O port
Pull-up resistors can be
specified for each individual bit
I/O
External memory access
Address output/Data I/O port
P1_0/A8
to
P1_7/A15
I/O
8-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
External memory access
Address output port
P3_0/ALE
O
External memory access
Address latch enable signal
output pin
P3_1/
PSEN
O
External program memory
access
Read strobe output pin
P3_2/
RD
O
External memory access
Read strobe output pin
P3_3/
WR
I/O
4-bit I/O port
10mA sink capability
Pull-up resistors can be
specified for each individual bit
O
External memory access
Write strobe output pin
P5_6/TIM0OUT
O
Timer 0 timer output pin
P5_7/TIM0EVT
I/O
2-bit I/O port
Pull-up resistors can be
specified for each individual bit
I
Timer 0 external event input pin
P6_0/EXINT0
I
External interrupt 0 input pin
P6_1/EXINT1
I/O
2-bit I/O port
Pull-up resistors can be
specified for each individual bit
I
External interrupt 1 input pin
P7_6/PWM0OUT
O
PWM0 output pin
P7_7/PWM1OUT
I/O
2-bit I/O port
Pull-up resistors can be
specified for each individual bit
O
PWM1 output pin
P8_0/RXD1
I
SIO1 receive data input pin
P8_1/TXD1
O
SIO1 transmit data output pin
P8_2/RXC1
I/O
SIO1 receive clock I/O pin
P8_3/TXC1
I/O
4-bit I/O port
Pull-up resistors can be
specified for each individual bit
I/O
SIO1 transmit clock I/O pin
P11_2/CLKOUT
I/O
1-bit I/O port
Pull-up resistors can be
specified
O
Main clock pulse output pin
P12_4/AI4
to
P12_7/AI7
I
4-bit input port
I
A/D converter analog input port
P15_0/RXD6
I
SIO6 receive data input pin
P15_1/TXD6
O
SIO6 transmit data output pin
P15_2/RXC6
I/O
SIO6 receive clock I/O pin
Port
P15_3/TXC6
I/O
4-bit I/O port
Pull-up resistors can be
specified for each individual bit
I/O
SIO6 transmit clock I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com