Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL032D Datasheet(PDF) 33 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 33 Page - SPANSION

Back Button S29AL032D Datasheet HTML 29Page - SPANSION S29AL032D Datasheet HTML 30Page - SPANSION S29AL032D Datasheet HTML 31Page - SPANSION S29AL032D Datasheet HTML 32Page - SPANSION S29AL032D Datasheet HTML 33Page - SPANSION S29AL032D Datasheet HTML 34Page - SPANSION S29AL032D Datasheet HTML 35Page - SPANSION S29AL032D Datasheet HTML 36Page - SPANSION S29AL032D Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
June 13, 2005 S29AL032D_00_A3
S29AL032D
31
Ad vance
Info rmat i o n
Command Definitions
Writing specific address and data commands or sequences into the command register initiates
device operations. Table 17 on page 38 defines the valid register command sequences. Writing
incorrect address and data values or writing them in the improper sequence resets the de-
vice to reading array data.
All addresses are latched on the falling edge of WE# or CE#, whichever happens later. All data is
latched on the rising edge of WE# or CE#, whichever happens first. Refer to the appropriate tim-
ing diagrams in the “AC Characteristics” section.
Reading Array Data
The device is automatically set to reading array data after device power-up. No commands are
required to retrieve data. The device is also ready to read array data after completing an Embed-
ded Program or Embedded Erase algorithm.
After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode.
The system can read array data using the standard read timings, except that if it reads at an ad-
dress within erase-suspended sectors, the device outputs status data. After completing a
programming operation in the Erase Suspend mode, the system may once again read array data
with the same exception. See Erase Suspend/Erase Resume Commands on page 35 for more in-
formation on this mode.
The system must issue the reset command to re-enable the device for reading array data if DQ5
goes high, or while in the autoselect mode. See the Reset Command on page 32 section, next.
See also Requirements for Reading Array Data on page 11 for more information. The Read
Operations on page 50 provides the read parameters, and Figure 14, on page 50 shows the timing
diagram.
48h
90h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0004h
Sector Protect/Unprotect scheme
01 = 29F040 mode, 02 = 29F016 mode,
03 = 29F400 mode, 04 = 29LV800A mode
4Ah
94h
0000h
Simultaneous Operation
00 = Not Supported, 01 = Supported
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
98h
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
9Ah
00B5h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
9Ch
00C5h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
9Eh
000xh
Top/Bottom Boot Sector Flag
(0 = Model 00, 2 = Model 03, 3 = Model 04)
Table 15. Primary Vendor-Specific Extended Query (Sheet 2 of 2)
Addresses
Addresses
(Models 03, 04
Byte Mode
Only)
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com