Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL032D Datasheet(PDF) 39 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 39 Page - SPANSION

Back Button S29AL032D Datasheet HTML 35Page - SPANSION S29AL032D Datasheet HTML 36Page - SPANSION S29AL032D Datasheet HTML 37Page - SPANSION S29AL032D Datasheet HTML 38Page - SPANSION S29AL032D Datasheet HTML 39Page - SPANSION S29AL032D Datasheet HTML 40Page - SPANSION S29AL032D Datasheet HTML 41Page - SPANSION S29AL032D Datasheet HTML 42Page - SPANSION S29AL032D Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
June 13, 2005 S29AL032D_00_A3
S29AL032D
37
Ad vance
Info rmat i o n
Command Definitions
Table 16. S29AL032D Command Definitions — Model 00
Legend:
X = Don’t care, RA = Address of the memory location to be read, RD = Data read from location RA during read operation,
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE# or CE#
pulse. PD = Data to be programmed at location PA. Data is latched on the rising edge of WE# or CE# pulse. SA = Address
of the sector to be erased or verified. Address bits A21–A16 uniquely select any sector.
Notes:
1. See Table 1 on page 11 for descriptions of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all bus cycles are write operations.
4. Address bits are don’t care for unlock and command cycles, except when PA or SA is required.
5. No unlock or command cycles required when device is in read mode.
6. The Reset command is required to return to the read mode when the device is in the autoselect mode or if DQ5 goes high.
7. The fourth cycle of the autoselect command sequence is a read cycle.
8. In the third and fourth cycles of the command sequence, set A21 to 0.
9. In the third cycle of the command sequence, address bit A21 must be set to 0 if verifying sectors 0–31, or to 1 if verifying
sectors 32–64. The data in the fourth cycle is 00h for an unprotected sector/sector block and 01h for a protected sector/
sector block.
10. The Unlock Bypass command is required prior to the Unlock Bypass Program command.
11. The Unlock Bypass Reset command is required to return to reading array data when the device is in the Unlock Bypass mode.
12. The system may read and program functions in non-erasing sectors, or enter the autoselect mode, when in the Erase
Suspend mode. The Erase Suspend command is valid only during a sector erase operation.
13. The Erase Resume command is valid only during the Erase Suspend mode.
14. Command is valid when device is ready to read array data or when device is in autoselect mode.
15. The data is 85h for factory locked and 05h for not factory locked.
Command Sequence
(Note 1)
Bus Cycles (Notes 2–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 5)
1RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID (Note 8)
4
XXX
AA
XXX
55
0XXXXX
90
0XXX00
01
Device ID (Note 8)
4
XXX
AA
XXX
55
0XXXXX
90
0XXX01
A3
Secured Silicon Sector Factory
Protect (Note 15)
4
AAA
AA
555
55
AAA
90
X06
85/05
Sector Protect Verify
(Note 9)
4
XXX
AA
XXX
55
0XXXXX
or
2XXXXX
90
SA
X02
00
XXX
XXX
01
Enter Secured Silicon Sector Region
3
XXX
AA
XXX
55
XXX
88
XXX
Exit Secured Silicon Sector Region
4
XXX
AA
XXX
55
XXX
90
XXX
00
Byte Program
4
XXX
AA
XXX
55
XXX
A0
PA
PD
Unlock Bypass
3
XXX
AA
XXX
55
XXX
20
Unlock Bypass Program
(Note 10)
2
XXX
A0
PA
PD
Unlock Bypass Reset
(Note 11)
2
XXX
90
XXX
00
Chip Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
XXX
10
Sector Erase
6
XXX
AA
XXX
55
XXX
80
XXX
AA
XXX
55
SA
30
Erase Suspend (Note 12)
1
XXX
B0
Erase Resume (Note 13)
1
XXX
30
CFI Query (Note 14)
1
XXX
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com