Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL032D Datasheet(PDF) 22 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 22 Page - SPANSION

Back Button S29AL032D Datasheet HTML 18Page - SPANSION S29AL032D Datasheet HTML 19Page - SPANSION S29AL032D Datasheet HTML 20Page - SPANSION S29AL032D Datasheet HTML 21Page - SPANSION S29AL032D Datasheet HTML 22Page - SPANSION S29AL032D Datasheet HTML 23Page - SPANSION S29AL032D Datasheet HTML 24Page - SPANSION S29AL032D Datasheet HTML 25Page - SPANSION S29AL032D Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
20
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector protection ver-
ification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for
programming equipment to automatically match a device to be programmed with its correspond-
ing programming algorithm. However, the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect mode requires VID (11.5 V to 12.5 V) on
address pin A9. Address pins A6, A1, and A0 must be as shown in Table 8. In addition, when ver-
ifying sector protection, the sector address must appear on the appropriate highest order address
bits (see Table 2 on page 14 and Table 4 on page 16). Table 8 shows the remaining address bits
that are don’t care. When all necessary bits have been set as required, the programming equip-
ment may then read the corresponding identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via
the command register, as shown in Table 17 on page 38. This method does not require VID. See
“Command Definitions” for details on using the autoselect mode.
Table 8. S29AL032D Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences. See Table 17 on page 38.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase operations in any sector.
The hardware sector unprotection feature re-enables both program and erase operations in pre-
viously protected sectors.
Description
Mode
CE#
OE#
WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: Spansion
LL
H
X
X
VID
XL
XL
L
L
X
01h
Device ID:
S29AL032D
(Model 00)
Byte
L
L
H
X
X
VID
XL
XL
L
H
N/A
A3h
Device ID:
S29AL032D
(Model 03)
Word
L
L
H
XX
VID
XL
XL
L
H
22h
F6h
Byte
L
L
H
XF6h
Device ID:
S29AL032D
(Model 04)
Word
L
L
H
XX
VID
XL
XL
L
H
22h
F9h
Byte
L
L
H
XF9h
Sector Protection
Verification
LL
H
SA
X
VID
XL
XL
H
L
X
01h (protected)
X
00h
(unprotected)
Secured Silicon Sector
Indicator Bit (DQ7)
(Model 00)
LL
H
X
X
VID
XL
XL
H
H
X
85 (factory
locked)
X
05 (not factory
locked)
Secured Silicon Sector
Indicator Bit (DQ7)
(Model 03)
LL
H
X
X
VID
XL
XL
H
H
X
8D (factory
locked)
X
0D (not factory
locked)
Secured Silicon Sector
Indicator Bit (DQ7)
(Model 04)
LL
H
X
X
VID
XL
XL
H
H
X
9D (factory
locked)
X
1D (not factory
locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com