Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3276HG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US3276HG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3276HG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US3276HG-S08-R Datasheet HTML 1Page - Unisonic Technologies US3276HG-S08-R Datasheet HTML 2Page - Unisonic Technologies US3276HG-S08-R Datasheet HTML 3Page - Unisonic Technologies US3276HG-S08-R Datasheet HTML 4Page - Unisonic Technologies US3276HG-S08-R Datasheet HTML 5Page - Unisonic Technologies US3276HG-S08-R Datasheet HTML 6Page - Unisonic Technologies US3276HG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US3076-US3376
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-424.f
DUAL USB HIGH-SIDE POWER
SWITCH
DESCRIPTION
The UTC US3076-US3376 is an integrated dual channel for USB
high-side power switch. It particularly designed for self-powered and
bus-powered Universal Serial Bus (USB) applications.
The RDS(ON) of the MOSFET switch is as low as 87mΩ. OC which is
open-drain output report over-current or over-temperature event, has
deglitch timeout period typically 9ms.
The UTC US3076-US3376 incorporates some protection circuits,
such as current limiting circuit with foldback function, thermal shutdown
circuit which is designed to prevent catastrophic switch failure due to
increasing power dissipation when continuous heavy loads or short
circuit occurs. A built-in charge pump is used to drive the N-channel
MOSFET that is free of parasitic body diode to eliminate any reversed
current flow across the switch when it is powered off.
The UTC US3076-US3376 is applied in high-side power protection
switch, USB power management, USB host and self-powered bubs,
USB
bus-powered
hubs,
hot
plug-in
power
supplies,
and
battery-charger circuits.
FEATURES
* Operating on the Range of 3V to 5.5V
* High-Side MOSFET with 87mΩ RDS(ON)
* Quiescent Supply Current: 65μA
* Available with 4 Versions of Current Limits with Foldback
* Rise Time: 400μS (TYP)
* UVLO (Under Voltage Lockout)
* Shutdown Supply Current: 1μA (MAX)
* Reverse Current is not Generated when in Power Off State
* Deglitched Open-Drain Over-Current Flag Output ( OC )
ORDERING INFORMATION
Ordering Number
Package
Packing
US3X76XG-S08-R
SOP-8
Tape Reel
US3X76XG-SM1-R
MSOP-8
Tape Reel


Similar Part No. - US3276HG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3276XG-S08-R UTC-US3276XG-S08-R Datasheet
196Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
More results

Similar Description - US3276HG-S08-R

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US2076 UTC-US2076_15 Datasheet
236Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com