Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 36 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 36 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 32Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 33Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 34Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 35Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 36Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 37Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 38Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 39Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 149 page
background image
36
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
Password and Password Mode Locking Bit
In order to select the Password sector protection scheme, the customer must first
program the password. The password may be correlated to the unique Electronic
Serial Number (ESN) of the particular flash device. Each ESN is different for every
flash device; therefore each password should be different for every flash device.
While programming in the password region, the customer may perform Password
Verify operations.
Once the desired password is programmed in, the customer must then set the
Password Mode Locking Bit. This operation achieves two objectives:
Permanently sets the device to operate using the Password Protection Mode. It is
not possible to reverse this function.
Disables all further commands to the password region. All program, and read op-
erations are ignored.
Both of these objectives are important, and if not carefully considered, may lead
to unrecoverable errors. The user must be sure that the Password Protection
method is desired when setting the Password Mode Locking Bit. More importantly,
the user must be sure that the password is correct when the Password Mode
Locking Bit is set. Due to the fact that read operations are disabled, there is no
means to verify what the password is afterwards. If the password is lost after set-
ting the Password Mode Locking Bit, there is not any way to clear the PPB Lock bit.
The Password Mode Locking Bit, once set, prevents reading the 64-bit password
on the DQ bus and further password programming. The Password Mode Locking
Bit is not erasable. Once Password Mode Locking Bit is programmed, the Persis-
tent Sector Protection Locking Bit is disabled from programming, guaranteeing
that no changes to the protection scheme are allowed.
64-bit Password
The 64-bit Password is located in its own memory space and is accessible through
the use of the Password Program and Verify commands (see “Password Verify
Command”). The password function works in conjunction with the Password
Mode Locking Bit, which when set, prevents the Password Verify command from
reading the contents of the password on the pins of the device.
Write Protect (WP#)
The Write Protect feature provides a hardware method of protecting the upper
two and lower two sectors(PL127J: 0, 1, 268, and 269, PL064J: 0, 1, 140, and
141, PL032J: 0, 1, 76, and 77, PL129J: SA1-133, SA1-134,SA2-0 and SA2-1)
without using VID. This function is provided by the WP# pin and overrides the pre-
viously discussed method, “High Voltage Sector Protection” on page 37.
If the system asserts VIL on the WP#/ACC pin, the device disables program and
erase functions in the two outermost 4 Kword sectors on both ends of the flash
array independent of whether it was previously protected or unprotected.
If the system asserts VIH on the WP#/ACC pin, the device reverts the upper two
and lower two sectors to whether they were last set to be protected or unpro-
tected. That is, sector protection or unprotection for these sectors depends on
whether they were last protected or unprotected using the method described in
“High Voltage Sector Protection” on page 37.
Note that the WP#/ACC pin must not be left floating or unconnected; inconsistent
behavior of the device may result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com