Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 15 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 15 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 11Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 12Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 13Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 14Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 15Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 16Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 17Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 18Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 149 page
background image
June 4, 2004 S29PL129J_MCP_00_A0
S29PL129J for MCP
15
Advance
Informatio n
write cycles to program data instead of four. Device erasure occurs by executing
the erase command sequence.
The host system can detect whether a program or erase operation is complete by
reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready to read array data or ac-
cept another command.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. The hardware sector
protection feature disables both program and erase operations in any combina-
tion of sectors of memory. This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature enables the user to put erase on
hold for any period of time to read data from, or program data to, any sector that
is not selected for erasure. True background erase can thus be achieved. If a read
is needed from the Secured Silicon Sector area (One Time Program area) after
an erase suspend, then the user must use the proper command sequence to
enter and exit this region.
The device offers two power-saving features. When addresses have been stable
for a specified amount of time, the device enters the automatic sleep mode.
The system can also place the device into the standby mode. Power consumption
is greatly reduced in both these modes.
The device electrically erases all bits within a sector simultaneously via Fowler-
Nordheim tunneling. The data is programmed using hot electron injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com