Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 88 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 88 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 84Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 85Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 86Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 87Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 88Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 89Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 90Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 91Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 92Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 149 page
background image
88
pSRAM Type 1
pSRAM_Type01_12_A1 August 30, 2004
Advance
Info rmation
pSRAM Type 1
4Mbit (256K Word x 16-bit)
8Mbit (512K Word x 16-bit)
16Mbit (1M Word x 16-bit)
32Mbit (2M Word x 16-bit)
64Mbit (4M Word x 16-bit)
Functional Description
Absolute Maximum Ratings
Mode
CE#
CE2/ZZ#
OE#
WE#
UB#
LB#
Addresses
I/O 1-8
I/O 9-16
Power
Read (word)
L
H
L
H
L
L
X
Dout
Dout
IACTIVE
Read (lower byte)
L
H
L
H
H
L
X
Dout
High-Z
IACTIVE
Read (upper byte)
L
H
L
H
L
H
X
High-Z
Dout
IACTIVE
Write (word)
L
H
X
L
L
L
X
Din
Din
IACTIVE
Write (lower byte)
L
H
X
L
H
L
X
Din
Invalid
IACTIVE
Write (upper byte)
L
H
X
L
L
H
X
Invalid
Din
IACTIVE
Outputs disabled
L
H
H
H
X
X
X
High-Z
High-Z
IACTIVE
Standby
H
H
X
X
X
X
X
High-Z
High-Z
ISTANDBY
Deep power down
H
L
X
X
X
X
X
High-Z
High-Z
IDEEP SLEEP
Item
Symbol
Ratings
Units
Voltage on any pin relative to VSS
Vin, Vout
-0.2 to VCC +0.3
V
Voltage on VCC relative to VSS
VCC
-0.2 to 3.6
V
Power dissipation
PD
1
W
Storage temperature
TSTG
-55 to 150
°C
Operating temperature
TA
-25 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com