Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0BAI9P2 Datasheet(PDF) 111 Page - SPANSION

Part # S71PL129JC0BAI9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAI9P2 Datasheet(HTML) 111 Page - SPANSION

Back Button S71PL129JC0BAI9P2 Datasheet HTML 107Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 108Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 109Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 110Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 111Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 112Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 113Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 114Page - SPANSION S71PL129JC0BAI9P2 Datasheet HTML 115Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 149 page
background image
August 30, 2004 pSRAM_Type01_12_A1
pSRAM Type 1
111
Advance
Informatio n
Power Savings Modes (For 16M Page Mode, 32M and 64M Only)
There are several power savings modes.
Partial Array Self Refresh
Temperature Compensated Refresh (64M)
Deep Sleep Mode
Reduced Memory Size (32M, 16M)
The operation of the power saving modes ins controlled by the settings of bits
contained in the Mode Register. This definition of the Mode Register is shown in
Figure 39 and the various bits are used to enable and disable the various low
power modes as well as enabling Page Mode operation. The Mode Register is set
by using the timings defined in Figure xxx.
Partial Array Self Refresh (PAR)
In this mode of operation, the internal refresh operation can be restricted to a
16Mb, 32Mb, or 48Mb portion of the array. The array partition to be refreshed is
determined by the respective bit settings in the Mode Register. The register set-
tings for the PASR operation are defined in Table xxx. In this PASR mode, when
ZZ# is active low, only the portion of the array that is set in the register is re-
Figure 38. Timing Waveform of Page Mode Write Cycle (ZZ# = VIH)
Page A ddr es s
(A4 - A 20)
LB#, UB#
WE#
tWP
tCW
tDW
High-Z
Dat a Out
tLBW, tUBW
CE#
Wor d A ddr es s
(A0 - A3 )
tWC
tPWC
tDH
tPDW tPDH
tPDW
tPDH
tAS
tPGMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com