Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404792 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1404792
Description  Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD B-L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404792 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1404792 Datasheet HTML 1Page - PHOENIX CONTACT 1404792 Datasheet HTML 2Page - PHOENIX CONTACT 1404792 Datasheet HTML 3Page - PHOENIX CONTACT 1404792 Datasheet HTML 4Page - PHOENIX CONTACT 1404792 Datasheet HTML 5Page - PHOENIX CONTACT 1404792 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404792
18.01.2013   Page 5 / 6
Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD B-L - 1404792
Accessories
Stripping tool - WIREFOX SAC - 1212623
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR and PVC insulation, from
Ø of 4.4 to 7 mm, any stripping length
 
 
Stripping tool - WIREFOX 10 - 1212150
Stripping tool, for cables and conductors from 0.02 - 10 mm², self-adjusting, stripping length of up to 18 mm,
cutting capacity of up to 10 mm² stranded/1.5 mm² solid, replaceable stripping blade
 
 
Drawings
Schematic diagram
1
3
2
Valve plug connector pin assignment, type AD
Cable cross section
PVC black [PVC]
Dimensioned drawing
43
28
2
3
1
Valve plug type AD
Dimensioned drawing
Valve connector, type AD, side view



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com