Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404792 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1404792
Description  Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD B-L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404792 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1404792 Datasheet HTML 1Page - PHOENIX CONTACT 1404792 Datasheet HTML 2Page - PHOENIX CONTACT 1404792 Datasheet HTML 3Page - PHOENIX CONTACT 1404792 Datasheet HTML 4Page - PHOENIX CONTACT 1404792 Datasheet HTML 5Page - PHOENIX CONTACT 1404792 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404792
18.01.2013   Page 1 / 6
Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD B-L - 1404792
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/Actuator cable, 4-position, PVC, Black RAL 9005, Free cable end, on AD valve plug
(pressure switch), Cable length: 5 m
 
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85444290
Country of origin
POLAND
Technical data
General data
Rated current at 40°C
4 A
Rated voltage
230 V
Number of positions
4
Volume resistance
≤ 5 mΩ
Insulation resistance
≥ 100 MΩ
Length of cable
5 m
Ambient temperature (operation)
-20 °C ... 85 °C (valve plug)
General characteristics
Surge voltage category
III
Pollution degree
3
Degree of protection
IP65/67
Torque
0.6 Nm (Valve plug-in connector)
Valve plug contact material
CuSn
Valve plug contact surface material
Sn
Valve plug contact insert material
PA 6
Material housing valve plug
TPU
Sealing material
TPU (Seal molded)
Status display
No


Similar Part No. - 1404792

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404790 PHOENIX-1404790 Datasheet
113Kb / 6P
Sensor/Actuator cable - SAC-3P- 10,0-PVC/A B-L
1404791 PHOENIX-1404791 Datasheet
117Kb / 6P
Sensor/Actuator cable - SAC-4P- 2,0-PVC/AD B-L
1404793 PHOENIX-1404793 Datasheet
117Kb / 6P
Sensor/Actuator cable - SAC-4P-10,0-PVC/AD B-L
1404794 PHOENIX-1404794 Datasheet
113Kb / 7P
Sensor/Actuator cable - SAC-3P- 2,0-PVC/B B-L
1404795 PHOENIX-1404795 Datasheet
113Kb / 7P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/B B-L
More results

Similar Description - 1404792

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404710 PHOENIX-1404710 Datasheet
124Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MS/ 5,0-PVC B-L - 1404710
1404713 PHOENIX-1404713 Datasheet
128Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MR/ 5,0-PVC B-L - 1404713
1404719 PHOENIX-1404719 Datasheet
128Kb / 7P
Sensor/Actuator cable - SAC-4P- 5,0-PVC/M 8FR B-L - 1404719
1404318 PHOENIX-1404318 Datasheet
91Kb / 5P
Sensor/Actuator cable - SAC-4P- 5,0-PUR/AD SO
1404791 PHOENIX-1404791 Datasheet
117Kb / 6P
Sensor/Actuator cable - SAC-4P- 2,0-PVC/AD B-L
1404793 PHOENIX-1404793 Datasheet
117Kb / 6P
Sensor/Actuator cable - SAC-4P-10,0-PVC/AD B-L
1404795 PHOENIX-1404795 Datasheet
113Kb / 7P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/B B-L
1404813 PHOENIX-1404813 Datasheet
116Kb / 6P
Sensor/Actuator cable - SAC-5P- 5,0-PVC/AD-2L B-L
1438639 PHOENIX-1438639 Datasheet
101Kb / 6P
Sensor/Actuator cable - SAC-5P- 5,0-PVC/AD-2L
1438707 PHOENIX-1438707 Datasheet
42Kb / 2P
Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com