Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404792 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1404792
Description  Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD B-L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404792 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1404792 Datasheet HTML 1Page - PHOENIX CONTACT 1404792 Datasheet HTML 2Page - PHOENIX CONTACT 1404792 Datasheet HTML 3Page - PHOENIX CONTACT 1404792 Datasheet HTML 4Page - PHOENIX CONTACT 1404792 Datasheet HTML 5Page - PHOENIX CONTACT 1404792 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404792
18.01.2013   Page 2 / 6
Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD B-L - 1404792
Technical data
General characteristics
Protective circuit/component
Unwired
Conductor data
Cable type
PVC black
Cable type (abbreviation)
PVC
UL AWM style
20549
Conductor cross section
4x 0.5 mm²
AWG signal line
20
Conductor structure signal line
28x 0.15 mm
Core diameter including insulation
1.5 mm ±0.05 mm
Wire colors
Black 1, black 2, black 3, green/yellow
Overall twist
Wires twisted in layers
External sheath, color
Black RAL 9005
External cable diameter D
5.2 mm ± 0.2 mm
Smallest bending radius, fixed installation
26 mm
Smallest bending radius, movable installation
52 mm
Outer sheath, material
PVC
Material conductor insulation
PVC
Insulation resistance
Min. 20 MΩ*km
Conductor resistance
39 Ω/km (at 20 °C)
Nominal voltage, conductor
300 V
Test voltage, conductor
1200 V
Flame resistance
DIN VDE 0482
Flame resistance
DIN EN 50265-2-1
Resistance to oil
Almost oil-resistant
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-5 °C ... 80 °C (cable, flexible installation)
Classifications
ETIM
ETIM 3.0
EC001855
ETIM 4.0
EC001855
ETIM 5.0
EC001855
UNSPSC
UNSPSC 11
31251501
UNSPSC 12.01
31251501
UNSPSC 13.2
31251501
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com