Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP28A/-Q Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 5KP28A/-Q
Description  Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

5KP28A/-Q Datasheet(HTML) 2 Page - Diotec Semiconductor

  5KP28A/-Q Datasheet HTML 1Page - Diotec Semiconductor 5KP28A/-Q Datasheet HTML 2Page - Diotec Semiconductor 5KP28A/-Q Datasheet HTML 3Page - Diotec Semiconductor 5KP28A/-Q Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5KP6.5 ... 5KP110CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 5 mA
Abbruch-Spannung bei IT = 5 mA
*) at / bei IT = 50 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidirectional
VWM [V]
ID [µA]
VBRmin [V]
VBRmax [V]
VC [V]
IPPM [A]
5KP6.5
5KP6.5C
6.5
4000
7.22 *)
9.14 *)
12.3
407
5KP6.5A
5KP6.5CA
6.5
4000
7.22 *)
8.30 *)
11.2
446
5KP7.0
5KP7.0C
7.0
2000
7.78 *)
9.86 *)
13.3
376
5KP7.0A
5KP7.0CA
7.0
2000
7.78 *)
8.95 *)
12.0
417
5KP7.5
5KP7.5C
7.5
500
8.33
10.67
14.3
350
5KP7.5A
5KP7.5CA
7.5
500
8.33
9.58
12.9
388
5KP8.0
5KP8.0C
8.0
300
8.89
11.30
15.0
333
5KP8.0A
5KP8.0CA
8.0
300
8.89
10.23
13.6
368
5KP8.5
5KP8.5C
8.5
100
9.44
11.92
15.6
321
5KP8.5A
5KP8.5CA
8.5
100
9.44
10.82
14.4
347
5KP9.0
5KP9.0C
9.0
40
10.0
12.7
16.9
296
5KP9.0A
5KP9.0CA
9.0
40
10.0
11.5
15.4
325
5KP10
5KP10C
10
10
11.1
14.1
18.8
266
5KP10A
5KP10CA
10
10
11.1
12.8
17.0
294
5KP11
5KP11C
11
10
12.2
15.4
20.1
249
5KP11A
5KP11CA
11
10
12.2
14.0
18.2
275
5KP12
5KP12C
12
10
13.3
16.9
22.0
227
5KP12A
5KP12CA
12
10
13.3
15.3
19.9
251
5KP13
5KP13C
13
10
14.4
18.2
23.8
210
5KP13A
5KP13CA
13
10
14.4
16.5
21.5
233
5KP14
5KP14C
14
10
15.6
19.8
25.8
194
5KP14A
5KP14CA
14
10
15.6
17.9
23.2
216
5KP15
5KP15C
15
10
16.7
21.1
26.9
186
5KP15A
5KP15CA
15
10
16.7
19.2
24.4
205
5KP16
5KP16C
16
10
17.8
22.6
28.8
174
5KP16A
5KP16CA
16
10
17.8
20.5
26.0
192
5KP17
5KP17C
17
10
18.9
23.9
30.5
164
5KP17A
5KP17CA
17
10
18.9
21.7
27.6
181
5KP18
5KP18C
18
10
20.0
25.3
32.2
155
5KP18A
5KP18CA
18
10
20.0
23.3
29.2
171
5KP20
5KP20C
20
10
22.2
28.1
35.8
140
5KP20A
5KP20CA
20
10
22.2
25.5
32.4
154
5KP22
5KP22C
22
10
24.4
30.9
39.4
127
5KP22A
5KP22CA
22
10
24.4
28.0
35.5
141
5KP24
5KP24C
24
10
26.7
33.8
43.0
116
5KP24A
5KP24CA
24
10
26.7
30.7
38.9
129
5KP26
5KP26C
26
10
28.9
36.6
46.6
107
5KP26A
5KP26CA
26
10
28.9
33.2
42.1
119
5KP28
5KP28C
28
10
31.1
39.4
50.0
100
5KP28A/-Q
5KP28CA
28
10
31.1
35.8
45.4
110
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com