Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP28A/-Q Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # 5KP28A/-Q
Description  Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

5KP28A/-Q Datasheet(HTML) 3 Page - Diotec Semiconductor

  5KP28A/-Q Datasheet HTML 1Page - Diotec Semiconductor 5KP28A/-Q Datasheet HTML 2Page - Diotec Semiconductor 5KP28A/-Q Datasheet HTML 3Page - Diotec Semiconductor 5KP28A/-Q Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5KP6.5 ... 5KP110CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 5 mA
Abbruch-Spannung bei IT = 5 mA
*) at / bei IT = 50 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
unidirectional
bidirectional
VWM [V]
ID [µA]
VBRmin [V]
VBRmax [V]
VC [V]
IPPM [A]
5KP30
5KP30C
30
10
33.3
42.2
53.5
93
5KP30A
5KP30CA
30
10
33.3
38.3
48.4
103
5KP33
5KP33C
33
10
36.7
46.5
59.0
85
5KP33A
5KP33CA
33
10
36.7
42.2
53.3
94
5KP36
5KP36C
36
10
40.0
50.7
64.3
78
5KP36A
5KP36CA
36
10
40.0
46.0
58.1
86
5KP40
5KP40C
40
10
44.4
56.3
71.4
70
5KP40A
5KP40CA
40
10
44.4
51.1
64.5
78
5KP43
5KP43C
43
10
47.8
60.5
76.7
65
5KP43A
5KP43CA
43
10
47.8
54.9
69.4
72
5KP45
5KP45C
45
10
50.0
63.3
80.3
62
5KP45A
5KP45CA
45
10
50.0
57.5
72.7
69
5KP48
5KP48C
48
10
53.3
67.5
85.5
58
5KP48A
5KP48CA
48
10
53.3
61.3
77.4
65
5KP51
5KP51C
51
10
56.7
71.8
91.1
55
5KP51A
5KP51CA
51
10
56.7
65.2
82.4
61
5KP54
5KP54C
54
10
60.0
76.0
96.3
52
5KP54A
5KP54CA
54
10
60.0
69.0
87.1
57
5KP58
5KP58C
58
10
64.4
81.6
103
49
5KP58A
5KP58CA
58
10
64.4
74.1
93.6
53
5KP60
5KP60C
60
10
66.7
84.5
107
47
5KP60A
5KP60CA
60
10
66.7
76.7
96.8
52
5KP64
5KP64C
64
10
71.1
90.1
114
44
5KP64A
5KP64CA
64
10
71.1
81.8
103
49
5KP70
5KP70C
70
10
77.8
98.6
125
40
5KP70A
5KP70CA
70
10
77.8
89.5
113
44
5KP75
5KP75C
75
10
83.3
105.7
134
37
5KP75A
5KP75CA
75
10
83.3
95.8
121
41
5KP78
5KP78C
78
10
86.7
109.8
139
36
5KP78A
5KP78CA
78
10
86.7
99.7
126
40
5KP85
5KP85C
85
10
94.4
119.2
151
33
5KP85A
5KP85CA
85
10
94.4
108.2
137
36
5KP90
5KP90C
90
10
100
126.5
160
31
5KP90A
5KP90CA
90
10
100
115.5
146
34
5KP100
5KP100C
100
10
111
141.0
179
28
5KP100A
5KP100CA
100
10
111
128.0
162
31
5KP110
5KP110C
110
10
122
154.5
196
26
5KP110A
5KP110CA
110
10
122
140.5
177
28
© Diotec Semiconductor AG
http://www.diotec.com/
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com