Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5152 Datasheet(PDF) 68 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 64Page - Texas Instruments TUSB5152 Datasheet HTML 65Page - Texas Instruments TUSB5152 Datasheet HTML 66Page - Texas Instruments TUSB5152 Datasheet HTML 67Page - Texas Instruments TUSB5152 Datasheet HTML 68Page - Texas Instruments TUSB5152 Datasheet HTML 69Page - Texas Instruments TUSB5152 Datasheet HTML 70Page - Texas Instruments TUSB5152 Datasheet HTML 71Page - Texas Instruments TUSB5152 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
8–8
8.4.2
Host OUT Transaction
Figure 8–3 illustrates the data flow for a USB OUT transaction (from host to P-port), using the DMA transfer (DMA
in continues mode). The MCU sets the OEDB (Output-EDB) with the proper parameters (start-address, byte-count,
etc.). In addition, the MCU sets the DMA and P-port transfer direction. Once initialization completes, the MCU clears
the NAK bit to 0 (in OEDB-X) which starts the UBM data transfer from host to X-buffer. Once the X-buffer is full, the
UBM updates OEDB-X, sets NAK = 1, and notifies the DMA. The DMA toggles the X/Y-bit. UBM starts the transfer
from the host to the Y-buffer (X/Y-bit points to Y) and the DMA transfers from the X-buffer to P-port. The ping-pong
transfer continues until the MCU (or an error) halts the transfer. If the UBM does not transfer a full 64-bytes, it updates
the byte-count value (and sets NAK = 1) in OEDB to reflect the partial buffer size. The DMA uses this count to transfer
a partial packet to P-port and interrupt the MCU. Note that the UBM increments the byte-count and saves it in OEDB
at the end of the transfer. On the other hand, the DMA uses the byte-count from OEDB as the transfer count but does
not update the OEDB at the end of transfer, i.e., the UBM both increments and updates; whereas, the DMA only
decrements.
UBM
64 Byte
Y-Buffer
64 Byte
X-Buffer
DMA5
DIR = 0
PPDAT
Host
P-Port
UBM uses the X/Y-bit to
select X/Y-buffer. At the end of
the OUT transfer, UBM
updates the OEDB with the
byte count (and NAK = 1).
DMA sets the X/Y-bit. At DMA
uses the byte count in OEDB for
the transfer. At the end of
transfer DMA sets NAK = 0.
Figure 8–3. USB OUT Transaction to P-Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com