Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5152 Datasheet(PDF) 69 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 65Page - Texas Instruments TUSB5152 Datasheet HTML 66Page - Texas Instruments TUSB5152 Datasheet HTML 67Page - Texas Instruments TUSB5152 Datasheet HTML 68Page - Texas Instruments TUSB5152 Datasheet HTML 69Page - Texas Instruments TUSB5152 Datasheet HTML 70Page - Texas Instruments TUSB5152 Datasheet HTML 71Page - Texas Instruments TUSB5152 Datasheet HTML 72Page - Texas Instruments TUSB5152 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
9–1
9 Interrupts
9.1
8052 Interrupt and Status Registers
All 8052-standard, 5-interrupt sources are preserved. SIE is the standard interrupt-enable register that controls the
five interrupt sources. All the additional interrupt sources are ORed together to generate EX0. The XINTO signal is
provided to interrupt an external MCU (see interrupt connection diagram).
Table 9–1. 8052 Interrupt Location Map
INTERRUPT
SOURCE
DESCRIPTION
START
ADDRESS
COMMENTS
ES
UART interrupt
0023H
ET1
Timer-1 interrupt
001BH
EX1
External interrupt-1
0013H
ET0
Timer-0 interrupt
000BH
EX0
External interrupt-0
0003H
Used for all internal peripherals
Reset
0000H
9.1.1
8052 Standard Interrupt Enable Register
EA
RSV
RSV
ES
ET1
EX1
ET0
EX0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
EX0
0
Enable or disable external interrupt-0
EX0 = 0
External interrupt-0 is disabled.
EX0 = 1
External interrupt-0 is enabled.
1
ET0
0
Enable or disable timer-0 interrupt
ET0 = 0
Timer-0 interrupt is disabled.
ET0 = 1
Timer-0 interrupt is enabled.
2
EX1
0
Enable or disable external interrupt-1
EX1 = 0
External interrupt-1 is disabled.
EX1 = 1
External interrupt-1 is enabled.
3
ET1
0
Enable or disable timer-1 interrupt
ET1 = 0
Timer-1 interrupt is disabled.
ET1 = 1
Timer-1 interrupt is enabled.
4
ES
0
Enable or disable serial port interrupts
ES = 0
Serial-port interrupt is disabled.
ES = 1
Serial-port interrupt is enabled.
5, 6
RSV
0
Reserved
7
EA
0
Enable or disable all interrupts (global disable)
EA = 0
Disable all interrupts.
EA = 1
Each interrupt source is individually controlled.
9.1.2
Additional Interrupt Sources
All non-standard 8052 interrupts (DMA, I2C, etc.) are ORed to generate an internal INT0. Note: the
external INT0 is
not used. Furthermore, the INT0 must be programmed as an active, low-level interrupt (not edge-triggered). A vector
interrupt register is provided to identify all interrupt sources (see vector-interrupt register definition). Up to 64 interrupt
vectors are provided. It is the responsibility of the MCU to read the vector and dispatch to the proper interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com