Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5152 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB5152
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5152 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB5152 Datasheet HTML 13Page - Texas Instruments TUSB5152 Datasheet HTML 14Page - Texas Instruments TUSB5152 Datasheet HTML 15Page - Texas Instruments TUSB5152 Datasheet HTML 16Page - Texas Instruments TUSB5152 Datasheet HTML 17Page - Texas Instruments TUSB5152 Datasheet HTML 18Page - Texas Instruments TUSB5152 Datasheet HTML 19Page - Texas Instruments TUSB5152 Datasheet HTML 20Page - Texas Instruments TUSB5152 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
3–5
3.2
Connecting an External Microcontroller for Development
Figure 3–3 illustrates how to connect an external 8052 microcontroller to the TUSB5152. Pin TEST0* must be
connected to ground to enable the external mode (TEST[2:0] = 110b). Table 3–4 outlines the signals used to connect
the TUSB5152 to the external microcontroller.
Table 3–4. Signals Used for External Microcontroller
TUSB5152
EXTERNAL 8052 MICROCONTROLLER
TUSB5152
NAME
NAME
COMMENTS
P1.0
P0.0
Port-0: Bit-0 data bus
P1.1
P0.1
Port-0: Bit-1 data bus
P1.2
P0.2
Port-0: Bit-2 data bus
P1.3
P0.3
Port-0: Bit-3 data bus
P1.4
P0.4
Port-0: Bit-4 data bus
P1.5
P0.5
Port-0: Bit-5 data bus
P1.6
P0.6
Port-0: Bit-6 data bus
P1.7
P0.7
Port-0: Bit-7 data bus
P3.0
P2.0
Address line A8
P3.1
P2.1
Address line A9
P3.3
P2.2
Address line A10
P3.4
P2.7
Address line A15
LED-1
ALE
Address latch enable
LED-2
INTO
Interrupt input to microcontroller
LED-3
WR
External data memory write strobe
LED-4
RD
External data memory read strobe
RSTO
RST
Master reset input
TSUB5152
8052
LED-1
LED-3
LED-4
LED-2
RSTO
TEST0
P1 (0–7)
P3 (0,1,3,4)
Address (8–10), A15
ALE
WR
P0 (0–7)
RD
P2 (0–2)
INT0
RST
P1 (0–7)
P3 (0–7)
Figure 3–3. Dual LED Connection to LED and SUSP Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com