Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV4ZWD Datasheet(PDF) 5 Page - TT Electronics.

Part # OV4ZWD
Description  Optimal IV Star Series Mono-Color, Multi-LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZWD Datasheet(HTML) 5 Page - TT Electronics.

  OV4ZWD Datasheet HTML 1Page - TT Electronics. OV4ZWD Datasheet HTML 2Page - TT Electronics. OV4ZWD Datasheet HTML 3Page - TT Electronics. OV4ZWD Datasheet HTML 4Page - TT Electronics. OV4ZWD Datasheet HTML 5Page - TT Electronics. OV4ZWD Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 11/08
Page 5 of 6
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Red Dom inant Wavelength vs Junction
Tem perature
622
623
623
624
624
625
625
626
626
627
627
0
25
50
75
100
125
Junction Tem perature (oC)
Norm alized TLF @ 25C vs Junction
Tem perature
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
25
50
75
100
125
Junction Tem perature(oC)
whit e
red
Forw ard Voltage vs Junction Tem perature
6
7
8
9
10
11
12
13
14
0
25
50
75
100
125
Junction Tem perature (oC)
whit e
r ed
White CCT vs Junction Tem perature
6600
6700
6800
6900
7000
7100
7200
7300
7400
7500
7600
7700
0
25
50
75
100
125
Junction Tem perature (oC)
Optimal IV COS Star
OV4Zxxxx Series
Derating Curve
0
100
200
300
400
500
600
700
800
0
50
100
Junction Tem perature(oC)
Ta = 25oC
Duty Ratio vs. Allow able Forw ard Current
T = 1 m s & variable PW
0
1000
2000
3000
4000
5000
6000
1
10
100
Duty Ratio (%)
T
A = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com