Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV4ZWD Datasheet(PDF) 1 Page - TT Electronics.

Part # OV4ZWD
Description  Optimal IV Star Series Mono-Color, Multi-LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OV4ZWD Datasheet(HTML) 1 Page - TT Electronics.

  OV4ZWD Datasheet HTML 1Page - TT Electronics. OV4ZWD Datasheet HTML 2Page - TT Electronics. OV4ZWD Datasheet HTML 3Page - TT Electronics. OV4ZWD Datasheet HTML 4Page - TT Electronics. OV4ZWD Datasheet HTML 5Page - TT Electronics. OV4ZWD Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 11/08
Page 1 of 6
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OV4Zxxxx
•
Designed for 4 1-watt chips in recessed cavity with an optical
grade 5mm diameter lens
•
Exceptional thermal resistance (1.8
°C/W junction to
heatsink)
•
Solder Pads Au Plated
Product Photo Here
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Notes:
•
Test conditions: IF=350 mA / 700 mA; TJ @ 25°C
•
Polarity Pads opposite for Red / Amber vs. Blue / Green / White
•
All dimensions are in millimeters.
•
Additional heat sinking required.
Part Number
Viewing Angle
Emitted Color
Typical Luminous
Flux (lm)
Forward Voltage
(VF)
350 mA
700 mA
OV4ZBBBB
60°
Blue 455-460nm
29
49
12.6
14.2
OV4ZGGGG
Green 530-535nm
173
272
13.1
14.6
OV4ZRRRR
Red 620-630nm
102
183
8.7
9.55
OV4ZAAAA
Amber 585-595nm
109
170
8.6
9.35
OV4ZWD
Daylight White
162
273
12.6
14.2
350 mA
700 mA
Optimal IV Star Series
Mono-Color, Multi-LED
G+
G+
G-
G-
Anode +
Cathode -


Similar Part No. - OV4ZWD

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OV4ZRGBA TTELEC-OV4ZRGBA Datasheet
216Kb / 3P
Multi-LED Recessed Die Design (RDD)
More results

Similar Description - OV4ZWD

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
logo
Wurth Elektronik GmbH &...
151031SS06000 WURTH-151031SS06000 Datasheet
1Mb / 9P
WL-TMRC THT LED round mono-color color lens
151031VS06000 WURTH-151031VS06000 Datasheet
1Mb / 9P
WL-TMRC THT LED round mono-color color lens
151051YS04000 WURTH-151051YS04000 Datasheet
1Mb / 9P
WL-TMRC THT LED round mono-color color lens
151051BS04000 WURTH-151051BS04000 Datasheet
1Mb / 9P
WL-TMRC THT LED round mono-color color
151051VS04000 WURTH-151051VS04000 Datasheet
1Mb / 9P
WL-TMRC THT LED round mono-color color lens
151031SS04000 WURTH-151031SS04000 Datasheet
1Mb / 9P
WL-TMRC THT LED round mono-color color lens
151031YS06000 WURTH-151031YS06000 Datasheet
1Mb / 9P
WL-TMRC THT LED round mono-color color lens
logo
TT Electronics.
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
Optimal I Star Series 1-watt LED on MCPCB
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
Optimal XIV Star Series White, Multi-LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com